Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DX80 Datasheet(PDF) 3 Page - SICK AG

Part # DX80
Description  MID RANGE DISTANCE SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DX80 Datasheet(HTML) 3 Page - SICK AG

  DX80 Datasheet HTML 1Page - SICK AG DX80 Datasheet HTML 2Page - SICK AG DX80 Datasheet HTML 3Page - SICK AG DX80 Datasheet HTML 4Page - SICK AG DX80 Datasheet HTML 5Page - SICK AG DX80 Datasheet HTML 6Page - SICK AG DX80 Datasheet HTML 7Page - SICK AG DX80 Datasheet HTML 8Page - SICK AG DX80 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DT80-311111 | Dx80
MID RANGE DISTANCE SENSORS
Performance
Measurement range min ... max:
50 mm, 50 mm, 50 mm ... 80,000 mm, 40,000 mm, 14,000 mm, 90% remission factor, 90%
remission factor, 6% remission factor 1) 2)
Target
Natural objects
Resolution
0.1 mm
Repeatability
≥ 0.2 mm 3) 4) 5)
Accuracy
± 2 mm 5) 6)
Response time
33 ms ... 68 ms 7)
Output time
33 ms, 50 ms, 100 ms, 200 ms ... 3000 ms 8)
Light source
Laser, red 9)
Laser class
2 (IEC 60825-1:2014, EN 60825-1:2014+A11:2021)
Typ. light spot size (distance)
7 mm x 7 mm (10 m)
Average laser service life (at 25 °C)
100,000 h
1) 3000 ms measurement cycle time.
2) At the maximum permissible ambient temperature, the maximum measuring range may be reduced by up to 40%.
3) See diagrams for repeatability.
4) Equivalent to 1 σ.
5) 6% ... 90% remission factor.
6) Typical temperature drift: 0.05 mm/K.
7) Dependent on remission and measuring cycle time.
8) Continuously changing data output.
9) Wavelength: 655 nm, max. average power: < 1 mW, pulse length: > 400 ps.
Interfaces
IO-Link
✔, IO-Link V1.1, COM3 (230,4 kBaud)
Function Process data, parameterization, diagnosis, data storage
Digital input
1
Response time depends on the measuring speed
Digital output
Number 1 ... 2 1) 2) 3)
Type Push-pull: PNP/NPN
Function Complementary digital outputs (Q,
Ǭ)
Output Q2 adaptable: Current output / Voltage output / Digital output / Q1 not / deactivated
Maximum output current IA ≤ 100 mA
Analog output
Number 1
Type Current output / voltage output
Function Output Q2 adaptable: Current output / Voltage output / Digital output / Q1 not / deactivated
Current 4 mA ... 20 mA, ≤ 450 Ω
Voltage 0 V ... 10 V, ≤ 10,000 Ω
Resolution 16 bit
1) Output Q short-circuit protected.
2) Voltage drop < 3 V.
3) Max. total output current < 200 mA.
2024-04-23 09:56:20 | Product data sheet
Subject to change without notice
LASER DISTANCE SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com