Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DX80 Datasheet(PDF) 8 Page - SICK AG

Part # DX80
Description  MID RANGE DISTANCE SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DX80 Datasheet(HTML) 8 Page - SICK AG

Back Button DX80 Datasheet HTML 2Page - SICK AG DX80 Datasheet HTML 3Page - SICK AG DX80 Datasheet HTML 4Page - SICK AG DX80 Datasheet HTML 5Page - SICK AG DX80 Datasheet HTML 6Page - SICK AG DX80 Datasheet HTML 7Page - SICK AG DX80 Datasheet HTML 8Page - SICK AG DX80 Datasheet HTML 9Page - SICK AG DX80 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT80-311111 | Dx80
MID RANGE DISTANCE SENSORS
90% remission, 30,000 Lux
0
Typ. repeatability in mm (inch) 1
0
Distance in m (ft) 2
5
(16.4)
10
(32.8)
15
(49.2)
20
(65.6)
25
(82.0)
30
(98.4)
35
(114.8)
40
(131.2)
0.50
(0.02)
1.00
(0.04)
1.50
(0.06)
2.00
(0.08)
2.50
(0.10)
3.00
(0.12)
3.50
(0.14)
4.00
(0.16)
a: 33 ms
b: 50 ms
c: 100 ms
d: 200 ms
d
c
b
a
①  Typical repeatability in mm (inches)
②  Distance in meters (feet)
Recommended accessories
Other models and accessories
www.sick.com/Dx80
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket, steel, zinc coated, steel, zinc coated, mounting hardware for the sen-
sor included
BEF-WN-DX50
2048370
Plug connectors and cables
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Flying leads
• Signal type: Sensor/actuator cable
• Cable: 2 m, 5-wire, PVC
• Description: Sensor/actuator cable, unshielded
• Application: Zones with chemicals
YF2A15-
020VB5XLEAX
2096239
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Male connector, M12, 5-pin, straight, A-coded
• Signal type: Sensor/actuator cable
• Cable: 2 m, 5-wire, PUR, halogen-free
• Description: Sensor/actuator cable, unshielded
• Application: Zones with oils and lubricants, Drag chain operation, Robot
YF2A15-
020UB5M2A15
2096009
8
LASER DISTANCE SENSORS | SICK
Product data sheet | 2024-04-23 09:56:20
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com