Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DX80 Datasheet(PDF) 5 Page - SICK AG

Part # DX80
Description  MID RANGE DISTANCE SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DX80 Datasheet(HTML) 5 Page - SICK AG

  DX80 Datasheet HTML 1Page - SICK AG DX80 Datasheet HTML 2Page - SICK AG DX80 Datasheet HTML 3Page - SICK AG DX80 Datasheet HTML 4Page - SICK AG DX80 Datasheet HTML 5Page - SICK AG DX80 Datasheet HTML 6Page - SICK AG DX80 Datasheet HTML 7Page - SICK AG DX80 Datasheet HTML 8Page - SICK AG DX80 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DT80-311111 | Dx80
MID RANGE DISTANCE SENSORS
Dimensional drawing (Dimensions in mm (inch))
3
1
2
4
5
4
57.04 (2.25)
Ø 4.5 (0.18)
45.97 (1.81)
135°
93°
45°
33 (1.30)
19.84 (0.78)
16.5 (0.65)
①  Optical axis, sender
②  Optical axis, receiver
③  Reference surface (corresponds to distance 0 mm)
④  M4 fixing holes
⑤  Cable with plug M12, 5-pin
2024-04-23 09:56:20 | Product data sheet
Subject to change without notice
LASER DISTANCE SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com