Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
32
Freescale Semiconductor
Ethernet: Three-Speed,10/100, MII Management
8.3.2 MII AC Electrical Specifications
This section describes the MII transmit and receive AC specifications.
8.3.2.1
MII Transmit AC Timing Specifications
Table 31 provides the MII transmit AC timing specifications.
Table 30. MII DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3 V
OVDD
3.13
3.47
V
Output high voltage
(OVDD = Min, IOH = –4.0 mA)
VOH
2.40
OVDD + 0.3
V
Output low voltage
(OVDD = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
1.70
—
V
Input low voltage
VIL
–0.3
0.90
V
Input high current
(VIN= OVDD
1)
IIH
—40
μA
Input low current
(VIN= GND
1)
IIL
–600
—
μA
Note:
1.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 31. MII Transmit AC Timing Specifications
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
TX_CLK clock period 10 Mbps
tMTX
—400
—
ns
TX_CLK clock period 100 Mbps
tMTX
—40—
ns
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
1
5
15
ns
TX_CLK data clock rise and fall time
tMTXR, tMTXF
2,3
1.0
—
4.0
ns
Note:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tMTKHDX symbolizes MII transmit timing (MT) from the time tMTX clock reference (K) going high (H) until data outputs
(D) are invalid (X). Note that, in general, the clock reference symbol representation is based on two to three letters
representing the clock of a particular functional. For example, the subscript of tMTX represents the MII (M) transmit
(TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2.Signal timings are measured at 0.7 V and 1.9 V voltage levels.
3.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com