Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
68
Freescale Semiconductor
Package and Pin Listings
6. Caution must be taken not to short capacitors or exposed metal capacitor pads on package top.
7. The socket lid must always be oriented to A1.
14.3 Pinout Listings
Table 53 provides the pin-out listing for the MPC8540, 783 FC-PBGA package.
Table 53. MPC8540 Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI/PCI-X
PCI_AD[63:0]
AA14, AB14, AC14, AD14, AE14, AF14, AG14,
AH14, V15, W15, Y15, AA15, AB15, AC15, AD15,
AG15, AH15, V16, W16, AB16, AC16, AD16, AE16,
AF16, V17, W17, Y17, AA17, AB17, AE17, AF17,
AF18, AH6, AD7, AE7, AH7, AB8, AC8, AF8, AG8,
AD9, AE9, AF9, AG9, AH9, W10, Y10, AA10, AE11,
AF11, AG11, AH11, V12, W12, Y12, AB12, AD12,
AE12, AG12, AH12, V13, Y13, AB13, AC13
I/O
OVDD
17
PCI_C_BE[7:0]
AG13, AH13, V14, W14, AH8, AB10, AD11, AC12
I/O
OVDD
17
PCI_PAR
AA11
I/O
OVDD
PCI_PAR64
Y14
I/O
OVDD
PCI_FRAME
AC10
I/O
OVDD
2
PCI_TRDY
AG10
I/O
OVDD
2
PCI_IRDY
AD10
I/O
OVDD
2
PCI_STOP
V11
I/O
OVDD
2
PCI_DEVSEL
AH10
I/O
OVDD
2
PCI_IDSEL
AA9
I
OVDD
PCI_REQ64
AE13
I/O
OVDD
5, 10
PCI_ACK64
AD13
I/O
OVDD
2
PCI_PERR
W11
I/O
OVDD
2
PCI_SERR
Y11
I/O
OVDD
2, 4
PCI_REQ0
AF5
I/O
OVDD
PCI_REQ[1:4]
AF3, AE4, AG4, AE5
I
OVDD
PCI_GNT[0]
AE6
I/O
OVDD
PCI_GNT[1:4]
AG5, AH5, AF6, AG6
O
OVDD
5, 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com