Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
6
Freescale Semiconductor
Overview
— Buffer descriptors are backward compatible with MPC8260 and MPC860T 10/100
programming models
— 9.6-Kbyte jumbo frame support
— RMON statistics support
— 2-Kbyte internal transmit and receive FIFOs
— MII management interface for control and status
— Programmable CRC generation and checking
— Ability to force allocation of header information and buffer descriptors into L2 cache.
•
OCeaN switch fabric
— Four-port crossbar packet switch
— Reorders packets from a source based on priorities
— Reorders packets to bypass blocked packets
— Implements starvation avoidance algorithms
— Supports packets with payloads of up to 256 bytes
•
Integrated DMA controller
— Four-channel controller
— All channels accessible by both the local and remote masters
— Extended DMA functions (advanced chaining and striding capability)
— Support for scatter and gather transfers
— Misaligned transfer capability
— Interrupt on completed segment, link, list, and error
— Supports transfers to or from any local memory or I/O port
— Selectable hardware-enforced coherency (snoop/no-snoop)
— Ability to start and flow control each DMA channel from external 3-pin interface
— Ability to launch DMA from single write transaction
•
PCI/PCI-X controller
— PCI 2.2 and PCI-X 1.0 compatible
— 64- or 32-bit PCI port supports at 16 to 66 MHz
— 64-bit PCI-X support up to 133 MHz
— Host and agent mode support
— 64-bit dual address cycle (DAC) support
— PCI-X supports multiple split transactions
— Supports PCI-to-memory and memory-to-PCI streaming
— Memory prefetching of PCI read accesses
— Supports posting of processor-to-PCI and PCI-to-memory writes
— PCI 3.3-V compatible
— Selectable hardware-enforced coherency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com