Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT79L71IB Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 13Page - Exar Corporation XRT79L71IB Datasheet HTML 14Page - Exar Corporation XRT79L71IB Datasheet HTML 15Page - Exar Corporation XRT79L71IB Datasheet HTML 16Page - Exar Corporation XRT79L71IB Datasheet HTML 17Page - Exar Corporation XRT79L71IB Datasheet HTML 18Page - Exar Corporation XRT79L71IB Datasheet HTML 19Page - Exar Corporation XRT79L71IB Datasheet HTML 20Page - Exar Corporation XRT79L71IB Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
XRT79L71
14
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
C10
TxInClk
I
Transmit DS3/E3 Framer Block - Timing Reference Signal:
If the Transmit Section of the XRT79L71 is configured to operate in the Local-
Timing Mode, then it will use this signal as the Timing Reference. If the
XRT79L71 is being operating in the DS3 Mode, then the user is expected to
apply a high-quality 44.736MHz clock signal to this input pin. Likewise, if the
XRT79L71 is being operated in the E3 Mode, then the user is expected to apply
a high-quality 34.368MHz clock signal to this input pin.
Note for Clear-Channel Framer Operation:
both the Clear-Channel Framer and Local-Timing modes, then the user should
design or configure the System-Side terminal equipment circuitry, such that out-
bound DS3 or E3 data will be output, upon the falling edge of TxInClk. The
Transmit Payload Data Input Interface within the Transmit Section of the
XRT79L71 will sample the data, applied to the TxSer input pin, upon the rising
edge of TxInClk.
NOTE: For Revision A silicon, the user must supply at least a 20MHz clock signal
to this input pin even if the XRT79L71 is configured to operate in the
Loop-Timing Mode. If the user fails to do this, you will not be able to
perform READ or WRITE operations with the on-chip Register or Buffer
Space via the Microprocessor Interface block.
C11
TxOH/
TxHDLCDat_5
I
Transmit Overhead Data Input/Transmit High Speed HDLC Controller Input
Interface - Data Bus Input pin 0 Bit 5:
The function of This input pin depends upon whether or not the XRT79L71 has
been configured to operate in the High-Speed HDLC Controller Mode.
Non-High Speed HDLC Controller Mode - TxOH - Transmit Overhead Data
Input pin:
The Transmit Overhead Data Input Interface block accepts overhead via this
input pin, and insert this data into the appropriateoverhead bit positions within
the very next outbound DS3 or E3 frames. If the TxOHIns input pin is pulled
"High", then the Transmit Overhead Data Input Interface will sample the over-
head data residing on this input pin, upon either the rising edge TxInClk or the
falling edge of the TxOHCLK output clock signal depending upon the Insertion
Method used.
Conversely, if the TxOHIns input pin is NOT pulled "High", then the Transmit
Overhead Data Input Interface block will be inactive and will not accept any over-
head data via the TxOH input pin.
High Speed HDLC Controller Mode - TxHDLCDat_5 - Transmit High-Speed
HDLC Controller Input Interface - Data Bus Input pin - Bit 5:
If the XRT79L71 is configured to operate in the High-Speed HDLC Controller
mode, then this input pin will function as Bit 5 within the Transmit High-Speed
HDLC Controller Input Interface block - Input Data Bus (e.g., the TxHDL-
CData[7:0] input pins).
The Transmit High-Speed HDLC Controller Input Interface block will provide the
System-Side terminal equipment with a byte-wide Transmit High-Speed HDLC
Controller clock output signal (TxHDLCClk). The Transmit High-Speed HDLC
Controller Input Interface block will sample the data residing on this input pin
(along with the rest of the TxHDLCData[7:0] input pins) upon the rising edge of
the TxHDLCClk clock output signal.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com