Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT79L71IB Datasheet(PDF) 52 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 52 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 48Page - Exar Corporation XRT79L71IB Datasheet HTML 49Page - Exar Corporation XRT79L71IB Datasheet HTML 50Page - Exar Corporation XRT79L71IB Datasheet HTML 51Page - Exar Corporation XRT79L71IB Datasheet HTML 52Page - Exar Corporation XRT79L71IB Datasheet HTML 53Page - Exar Corporation XRT79L71IB Datasheet HTML 54Page - Exar Corporation XRT79L71IB Datasheet HTML 55Page - Exar Corporation XRT79L71IB Datasheet HTML 56Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
XRT79L71
49
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
G2
G1
F1
G3
F2
E1
G4
F3
E2
D1
F4
E3
D2
C1
E4
D3
RxUData_0/
RxPData_0
RxUData_1/
RxPData_1
RxUData_2/
RxPData_2
RxUData_3/
RxPData_3
RxUData_4/
RxPData_4
RxUData_5/
RxPData_5
RxUData_6/
RxPData_6
RxUData_7/
RxPData_7
RxUData_8/
RxPData_8
RxUData_9/
RxPData_9
RxUData_10/
RxPData_10
RxUData_11/
RxPData_11
RxUData_12/
RxPData_12
RxUData_13/
RxPData_13
RxUData_14/
RxPData_14
RxUData_15/
RxPData_15
O
Receive UTOPIA Data Bus Input/Receive POS:
The function of these output pins depends upon whether the XRT79L71 has
been configured to operate in the ATM UNI or in the PPP Mode.
ATM UNI Mode - RxUData[15:0]-PHY Data Bus Output pins - Receive UTO-
PIA Interface Data Bus Output pins:
These output pins function as the Receive UTOPIA Data Bus output pins.
Whenever the ATM Layer Processor wishes to read out ATM cell data that has
been received from the Remote Terminal Equipment, the Receive UTOPIA
Interface block will output this data via the Receive UTOPIA Data Bus, where it
can be read and processed by the ATM Layer Processor.
PPP Mode - RxPData[15:0]:
These output pins function as the Receive POS-PHY Data Bus output pins.
PPP Packet data that has been received from the Remote Terminal Equipment
is output on the Receive POS-PHY Data Bus, where it can be reads and pro-
cessed by the Link Layer Processor.
L1
RxMod
O
Receive PPP Data Bus - Modulus Indicator:
The XRT79L71 will indicate the number of valid packet octets that are being
read out of the RxPData[15:0] output pins.
The XRT79L71 will drive this output pin "Low" when both bytes of the RxP-
Data[15:0] data bus consists of valid packet data.
Conversely, the XRT79L71 will drive this output pin "High" when only the upper
byte of the RxPData[15:0] data bus consists of valid packet data.
The Link Layer Processor is expected to validate all packet data that it reads out
of the RxPData[15:0] output pins by also reading the state of this output pin.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in the PPP Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com