Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT79L71IB Datasheet(PDF) 42 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 42 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation XRT79L71IB Datasheet HTML 40Page - Exar Corporation XRT79L71IB Datasheet HTML 41Page - Exar Corporation XRT79L71IB Datasheet HTML 42Page - Exar Corporation XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation XRT79L71IB Datasheet HTML 45Page - Exar Corporation XRT79L71IB Datasheet HTML 46Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
XRT79L71
39
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
A8
RxOHFrame/
RxHDLCDat_4
O
Receive Overhead Data Interface - Framing Pulse indicator/Receive HDLC
Controller Data Bus - Bit 4 output:
The function of this output pins depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer Mode or in the High-Speed
HDLC Controller Mode.
Clear-Channel Framer Mode - RxOHFrame:
This output pin pulses "High" whenever the Receive Overhead Data Output
Interface block outputs the first overhead bit of a new DS3 or E3 frame.
High-Speed HDLC Controller Mode - RxHDLCDat_4:
This output pin along with RxHDLCDat_[3:0] and RxHDLCDat_[7:5] functions
as the Receive HDLC Controller byte wide output data bus. The Receive HDLC
Controller will output the contents of all HDLC frames via this output data bus,
upon the rising edge of the RxHDLCClk output signal. Hence, the user's Sys-
tem-Side terminal equipment should be designed/configured to sample this
data upon the falling edge of the RxHDLCClk output clock signal.
B6
RxFrame
O
Receive Boundary of DS3 or E3 Frame Output indicator:
The function of this output pin depends upon whether or not the XRT79L71 is
operating in the Clear-Channel Framer/Nibble-Parallel Mode.
Clear-Channel Framer/Nibble-Parallel Mode:
The Receive Section of the XRT79L71 will pulse this output pin "High" for one
nibble period, when the Receive Payload Data Output interface block is driving
the very first nibble of a given DS3 or E3 frame, on the RxNib[3:0] output pins.
Clear-Channel Framer/Serial Mode:
The Receive Section of the XRT79L71 will pulse this output pin "High" for one
bit period, when the Receive Payload Data Output interface block is driving the
very first bit of a given DS3 or E3 frame, on the RxSer output pin.
All Other Modes:
The Receive Section of the XRT79L71 will pulse this output pin "High" when the
Receive DS3/E3 Framer block is processing the first bit within a new DS3 or E3
frame.
D4
RxCellRxed
O
Receive Cell Processor - Cell Received Indicator:
This output pin pulses "High" (for one DS3 or E3 clock period) each time the
Receive ATM Cell Processor receives a new cell from the Receive PLCP Pro-
cessor or the Receive DS3/E3 Framer block.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in the ATM UNI Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com