Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA1310 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA1310
Description  Control interface for VHS video recorders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1310 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA1310 Datasheet HTML 2Page - NXP Semiconductors SAA1310 Datasheet HTML 3Page - NXP Semiconductors SAA1310 Datasheet HTML 4Page - NXP Semiconductors SAA1310 Datasheet HTML 5Page - NXP Semiconductors SAA1310 Datasheet HTML 6Page - NXP Semiconductors SAA1310 Datasheet HTML 7Page - NXP Semiconductors SAA1310 Datasheet HTML 8Page - NXP Semiconductors SAA1310 Datasheet HTML 9Page - NXP Semiconductors SAA1310 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
April 1995
6
Philips Semiconductors
Product specification
Control interface for VHS video recorders
SAA1310
CHARACTERISTICS (PIN NUMBERS IN PARENTHESIS REFER TO SAA1310T)
VP =5V; Tamb =25 °C; all voltage referenced to pin 12 (13); according to the test set-up (see Fig.4); unless otherwise
specified
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Pd
power dissipation
note 1
85
mW
Supply pin 9 (10)
VP
supply voltage
4.5
5.0
5.5
V
IP
supply current
read mode
10
15
20
mA
write mode; duty factor = 50%
13
18
24
mA
CTL I/O pin 2 (2)
READ MODE PIN 10 (11)
< 0.5 V
VI
input voltage (peak-to-
f = 500 Hz
0.35
−−
mV
peak value)
f = 30 kHz; non-linear operation
−−
200
mV
B
bandwidth low-pass filter
3
kHz
Ib
input bias current
read mode
0.1
−µA
WRITE MODE PIN 10 (11)
> 3.5 V
VO
output voltage LOW
ICTL I/O = 3 mA;
−−
0.4
V
pin CTL DATA = HIGH
VO
output voltage HIGH
ICTL I/O = − 3 mA;
4.6
−−
V
pin CTL DATA = LOW
WRITE/READ pin 10 (11)
VI
input voltage
read mode
−−
0.5
V
write mode; analog
1.6
3.3
V
II
input current
read mode
−− 1.5 −µA
write mode
0.1
−µA
Vref pin 3 (3); note 2
VO
output voltage
2.4
2.5
2.6
V
Itot
total current
including write current
−4
−+ 4mA
RO
output resistance
0.4
0.6
CAPREV pin 18 (20)
VIH
input voltage HIGH
2.0
−−
V
VIL
input voltage LOW
−−
0.8
V
IIH
input current HIGH
VCAPREV =5V
−−
10
µA
IIH
input current LOW
VCAPREV =0V
−10
−−
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com