Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA1310 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA1310
Description  Control interface for VHS video recorders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1310 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA1310 Datasheet HTML 4Page - NXP Semiconductors SAA1310 Datasheet HTML 5Page - NXP Semiconductors SAA1310 Datasheet HTML 6Page - NXP Semiconductors SAA1310 Datasheet HTML 7Page - NXP Semiconductors SAA1310 Datasheet HTML 8Page - NXP Semiconductors SAA1310 Datasheet HTML 9Page - NXP Semiconductors SAA1310 Datasheet HTML 10Page - NXP Semiconductors SAA1310 Datasheet HTML 11Page - NXP Semiconductors SAA1310 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
April 1995
8
Philips Semiconductors
Product specification
Control interface for VHS video recorders
SAA1310
Notes to the characteristics
1. Without the sink current of the comparators; in write mode.
2. Minimum value of capacitor connected to this pin is 4.7
µF.
3. Vi = 100 mV p-p. Inputs connected to Vref via a 10 kΩ resistor; outputs connected to VP via a 250 Ω resistor.
4. Vi = 100 mV p-p. Inputs connected to Vref via a 10 kΩ resistor; outputs connected to VP via a 2.5 kΩ resistor.
Low output current type comparators
CIN1 AND CIN2 pins 5 (6) and 6 (7)
Vhys
input hysteresis
10
mV
VIL
input voltage LOW
−−
Vref − 10 mV
V
VIH
input voltage HIGH
Vref + 10 mV
−−
V
II
input current
CIN1 = CIN2 = 0 V
−1
−−
µ A
CIN1 = CIN2 = VP
+1
µ A
COUT1 AND COUT2 pins 15 (17) and 14 (15)
VOL
output voltage HIGH
IOH = −100 µA
4.5
−−
V
VOH
output voltage LOW
IOL =2mA
−−
1V
ttr
transient time
note 4
0.5
−µ s
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com