Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA1310 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA1310
Description  Control interface for VHS video recorders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1310 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA1310 Datasheet HTML 3Page - NXP Semiconductors SAA1310 Datasheet HTML 4Page - NXP Semiconductors SAA1310 Datasheet HTML 5Page - NXP Semiconductors SAA1310 Datasheet HTML 6Page - NXP Semiconductors SAA1310 Datasheet HTML 7Page - NXP Semiconductors SAA1310 Datasheet HTML 8Page - NXP Semiconductors SAA1310 Datasheet HTML 9Page - NXP Semiconductors SAA1310 Datasheet HTML 10Page - NXP Semiconductors SAA1310 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
April 1995
7
Philips Semiconductors
Product specification
Control interface for VHS video recorders
SAA1310
CTL DATA pin 16 (18)
WRITE MODE
VIH
input voltage HIGH
2.0
−−
V
VIL
input voltage LOW
−−
0.8
V
IIH
input current HIGH
VCTL DATA =5V
−−
10
µA
IIL
input current LOW
VCTL DATA =0V
−10
−−
µA
READ MODE
VOL
output voltage LOW
IOL = 0.5 mA
−−
0.4
V
VOH
output voltage HIGH
IOH = − 50 µA
2.4
−−
V
CPO/FAIL and PO/FAIL OUT pin 4 (4) and 17 (19); see Fig.3
VO
operating voltage range
at decreasing VP
1.5
5.5
V
VOL
output voltage LOW
IOL =1mA
−−
0.4
V
VOH
output voltage HIGH
IOH =1mA
VP − 0.9
−−
V
td
delay time
CCAPREV =68nF
50
ms
VTL1
threshold level 1
4.5
4.8
V
VTL2
threshold level 2
3.5
V
IO
source current pin 4
−−3
−µA
IO
sink current pin 4
300
−µA
VO(min.)
minimum output voltage
20
mV
VO(max.)
maximum output voltage
2.1
V
High output current type comparators
CIN3 and CIN4 pins 7 (8) and 8 (9)
Vhys
input hysteresis
10
mV
VIL
input voltage LOW
−−
Vref − 10 mV
V
VIH
input voltage HIGH
Vref + 10 mV
−−
V
IIL
input current LOW
CIN3 = CIN4 = 0 V
−1
−−
µA
IIH
input current HIGH
CIN3 = CIN4 = VP
−−
+ 1
µA
COUT3 and COUT4 pins 13 (14) and 11 (12)
VOL
output voltage LOW
IOL = 100 mA
−−
1.0
V
IOL =2mA
−−
0.4
V
±IOL
leakage current
output voltage HIGH;
COUT3 = COUT4 = 17 V
−−
1
µA
ttr
transient time
note 3
0.5
−µs
Tj
thermal protection
130
−°C
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com