Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA5281ZP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA5281ZP
Description  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA5281ZP Datasheet HTML 4Page - NXP Semiconductors SAA5281ZP Datasheet HTML 5Page - NXP Semiconductors SAA5281ZP Datasheet HTML 6Page - NXP Semiconductors SAA5281ZP Datasheet HTML 7Page - NXP Semiconductors SAA5281ZP Datasheet HTML 8Page - NXP Semiconductors SAA5281ZP Datasheet HTML 9Page - NXP Semiconductors SAA5281ZP Datasheet HTML 10Page - NXP Semiconductors SAA5281ZP Datasheet HTML 11Page - NXP Semiconductors SAA5281ZP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
1996 Nov 04
8
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
QUALITY AND RELIABILITY
This device will meet Philips Semiconductors General Quality Specification for Business group
“Consumer Integrated
Circuits SNW-FQ-611-Part E”. The principal requirements are shown in Tables 1 to 4.
Group A
Table 1
Acceptance tests per lot
Group B
Table 2
Processability tests (by package family)
Group C
Table 3
Reliability tests (by process family)
Table 4
Reliability tests (by device type)
Notes to Tables 1 to 4
1. ppm = fraction of defective devices, in parts per million.
LTPD = Lot Tolerance Percent Defective.
FPM = fraction of devices failing at test condition, in Failures Per Million.
FITS = Failures In Time Standard.
TEST
REQUIREMENTS(1)
Mechanical
cumulative target:
<100 ppm
Electrical
cumulative target:
<100 ppm
TEST
REQUIREMENTS(1)
Solderability
<7% LTPD
Mechanical
<15% LTPD
Solder heat resistance
<15% LTPD
TEST
CONDITIONS
REQUIREMENTS(1)
Operational life
168 hours at Tj = 150 °C
<1500 FPM; equivalent to
<100 FITS at Tj =70 °C
Humidity life
temperature, humidity, bias
1000 hours, 85
°C, 85% RH
(or equivalent test)
<2000 FPM
Temperature cycling performance
Tstg(min) to Tstg(max)
<2000 FPM
TEST
CONDITIONS
REQUIREMENTS(1)
ESD and latch-up
ESD Human body model
2000 V, 100 pF, 1.5 k
Ω
<15% LTPD
ESD Machine model
200 V, 200 pF, 0
Ω
<15% LTPD
latch-up 100 mA, 1.5
× VDD
(absolute maximum)
<15% LTPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com