Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA5281ZP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA5281ZP
Description  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA5281ZP Datasheet HTML 6Page - NXP Semiconductors SAA5281ZP Datasheet HTML 7Page - NXP Semiconductors SAA5281ZP Datasheet HTML 8Page - NXP Semiconductors SAA5281ZP Datasheet HTML 9Page - NXP Semiconductors SAA5281ZP Datasheet HTML 10Page - NXP Semiconductors SAA5281ZP Datasheet HTML 11Page - NXP Semiconductors SAA5281ZP Datasheet HTML 12Page - NXP Semiconductors SAA5281ZP Datasheet HTML 13Page - NXP Semiconductors SAA5281ZP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
1996 Nov 04
10
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
POL
VIL
LOW level input voltage
−0.3
−
+0.8
V
VIH
HIGH level input voltage
2.0
−
VDD + 0.5 V
ILI
input leakage current
VI = 0 to VDD
−10
−
+10
µA
CI
input capacitance
−−
10
pF
LFB
VIL
LOW level input voltage
−0.3
−
tbf
V
VIH
HIGH level input voltage
tbf
−
VDD + 0.5 V
ILI
input leakage current
VI = 0 to VDD
−10
−
+10
µA
IImax
maximum input current
note 1
−1
−
+1
mA
tdLFB
delay between LFB front edge
and input video line sync
−
250
−
ns
VCR/FFB
VIL
LOW level input voltage
−0.3
−
+0.8
V
VIH
HIGH level input voltage
2.0
−
VDD + 0.5 V
ILI
input leakage current
VI = 0 to VDD
−10
−
+10
µA
IImax
maximum input current
note 1
−1
−
+1
mA
RGBREF
VIL
LOW level input voltage
−0.3
−
VDD
V
ILI
input leakage current
VI = 0 to VDD
−10
−
+10
µA
SCL
VIL
LOW level input voltage
−0.3
−
+1.5
V
VIH
HIGH level input voltage
3.0
−
VDD + 0.5 V
ILI
input leakage current
VI = 0 to VDD
−10
−
+10
µA
CI
input capacitance
−−
10
pF
fclk
clock frequency
0
−
100
kHz
tr
input rise time
between 10% and 90%
−−
2
µs
tf
input fall time
between 90% and 10%
−−
2
µs
Inputs/outputs
CRYSTAL OSCILLATOR (OSCIN; OSCOUT)
Vosc(p-p)
oscillator voltage amplitude
(peak-to-peak value)
−
1.0
−
V
Gv
small signal voltage gain
−
1.0
−
Gm
mutual conductance
5.0
−−
mS
CI
input capacitance
−−
10
pF
Cfb
feedback capacitance
−
1
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com