Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA5281ZP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA5281ZP
Description  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA5281ZP Datasheet HTML 5Page - NXP Semiconductors SAA5281ZP Datasheet HTML 6Page - NXP Semiconductors SAA5281ZP Datasheet HTML 7Page - NXP Semiconductors SAA5281ZP Datasheet HTML 8Page - NXP Semiconductors SAA5281ZP Datasheet HTML 9Page - NXP Semiconductors SAA5281ZP Datasheet HTML 10Page - NXP Semiconductors SAA5281ZP Datasheet HTML 11Page - NXP Semiconductors SAA5281ZP Datasheet HTML 12Page - NXP Semiconductors SAA5281ZP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
1996 Nov 04
9
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
LIMITING VALUES
In accordance with Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
VDD = 5 V ±10%; Tamb = −20 to +70 °C; pin numbers refer DIP48 package; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage (all supplies)
−0.3
+6.5
V
VI
input voltage (any input)
−0.3
VDD + 0.5
V
VO
output voltage (any output)
−0.3
VDD + 0.5
V
IO
output current (each output)
−±10
mA
IIOK
DC input or output diode current
−±20
mA
Tamb
operating ambient temperature
−20
+70
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
4.5
5.0
5.5
V
IDDtot
total supply current
−
75
150
mA
Inputs
CVBS
Vsync
sync voltage amplitude
0.1
0.3
0.6
V
Vburst(p-p)
colour burst amplitude
(peak-to-peak value)
0.0
0.3
4.0
V
td(sync)
delay from CVBS to TCS
output from STTV buffer
(nominal video, average of
leading/trailing edge)
−150
0
+150
ns
∆t
d(sync)
change in sync delay between
all black and all white video
input at nominal levels
0
−
25
ns
Vvid(p-p)
video input voltage amplitude
(peak-to-peak value)
0.7
1.0
1.4
V
Vdat(text)
teletext data voltage amplitude
0.29
0.46
0.71
V
∆f/f
display PLL capture range
±7
−−
%
Zsource
source impedance
−−
250
Ω
VI
input switching voltage level of
sync separator
1.7
2.0
2.3
V
ZI
input impedance
2.5
5.0
−
k
Ω
CI
input capacitance
−−
10
pF
IREF
Rgnd
resistor to ground
−
27
−
k
Ω
Vi
input voltage
−
0.5VDD
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com