Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF080BT-40E/NP Datasheet(PDF) 25 Page - Microchip Technology

Part # SST25WF080BT-40E/NP
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080BT-40E/NP Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST25WF080BT-40E/NP Datasheet HTML 21Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 22Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 23Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 24Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 25Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 26Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 27Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 28Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005164H-page 25
SST25WF080B
6.6
AC Characteristics
TABLE 6-8:
AC OPERATING CHARACTERISTICS
Symbol
Parameter
Limits - 30 MHz
Limits - 40 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
FCLK(1)
Serial Clock Frequency
—
—
30
—
—
40
MHz
TSCKH
Serial Clock High Time
14
—
—
11.5
—
—
ns
TSCKL
Serial Clock Low Time
14
—
—
11.5
—
—
ns
TSCKR
Serial Clock Rise Time
—
—
5
—
—
5
ns
TSCKF
Serial Clock Fall Time
—
—
5
—
—
5
ns
TCES(2) CE# Active Setup Time
10
—
—
10
—
—
ns
TCEH(2) CE# Active Hold Time
10
—
—
10
—
—
ns
TCHS(2) CE# Not Active Setup Time
10
—
—
10
—
—
ns
TCHH(2) CE# Not Active Hold Time
10
—
—
10
—
—
ns
TCPH
CE# High Time
25
—
—
25
—
—
ns
TCHZ
CE# High to High-Z Output
—
—
15
—
—
15
ns
TCLZ
SCK Low to Low-Z Output
0
—
—
0
—
—
ns
TDS
Data In Setup Time
5
—
—
5
—
—
ns
TDH
Data In Hold Time
5
—
—
5
—
—
ns
THLS
HOLD# Low Setup Time
5
—
—
5
—
—
ns
THHS
HOLD# High Setup Time
5
—
—
5
—
—
ns
THLH
HOLD# Low Hold Time
5
—
—
5
—
—
ns
THHH
HOLD# High Hold Time
5
—
—
5
—
—
ns
THZ
HOLD# Low to High-Z Output
—
—
9
—
—
9
ns
TLZ
HOLD# High to Low-Z Output
—
—
12
—
—
12
ns
TOH
Output Hold from SCK Change
1
—
—
1
—
—
ns
TV
Output Valid from SCK
—
—
11
—
—
11
ns
TWPS
WP# Setup Time
20
—
—
20
—
—
ns
TWPH
WP# Hold Time
20
—
—
20
—
—
ns
TWRSR
STATUS Register Write Time
—
—
10
—
—
10
ms
TDPD
CE# High to Deep Power-Down
—
—
5
—
—
5
µs
TSBR
Deep Power-Down (CE# High) to
Standby Mode
—
—
500
—
—
500
µs
TSE
Sector Erase
—
40
150
—
40
150
ms
TBE
Block Erase
—
80
250
—
80
250
ms
TSCE
Chip Erase
—
0.5
6
—
0.5
6
s
TPP
Page Program
(256 Bytes)
Industrial
—0.8
1
—
0.8
1
ms
Extended
—
0.8
1.3
—
0.8
1.3
ms
n Byte
Industrial
—
0.15 +
n*0.65/
256
0.20 +
n*0.8/
256
—
0.15 +
n*0.65/
256
0.20 +
n*0.8/
256
ms
Extended
—
0.15 +
n*0.65/
256
0.50 +
n*0.8/
256
—
0.15 +
n*0.65/
256
0.50 +
n*0.8/
256
ms
Note 1: Maximum clock frequency for Read instruction, 03H, is 30 MHz.
2: Relative to SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com