Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF080BT-40E/NP Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25WF080BT-40E/NP
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080BT-40E/NP Datasheet(HTML) 1 Page - Microchip Technology

  SST25WF080BT-40E/NP Datasheet HTML 1Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 2Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 3Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 4Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 5Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 6Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 7Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 8Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005164H-page 1
SST25WF080B
Features
• Single Voltage Read and Write Operations
- 1.65V-1.95V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High-Speed Clock Frequency
-40 MHz
• Dual Input/Output Support
- Fast-Read Dual-Output Instruction (3BH)
- Fast-Read Dual I/O Instruction (BBH)
• Superior Reliability
- Endurance: 100,000 Cycles
- Greater than 20 years Data Retention
• Ultra-Low Power Consumption:
- Active Read current: 4 mA (typical)
- Standby current: 7 µA (typical)
- Deep Power-down current: 2 µA (typical)
• Flexible Erase Capability
- Uniform 4-Kbyte sectors
- Uniform 64-Kbyte overlay blocks
• Page Program Mode
- 256 bytes/Page
• Fast Erase and Page-Program:
- Chip Erase time: 500 ms (typical)
- Sector Erase time: 40 ms (typical)
- Block Erase time: 80 ms (typical)
- Page Program time: 0.8 ms/ 256 bytes (typical)
• End-of-Write Detection
- Software polling the BUSY bit in STATUS Regis-
ter
• Hold Pin (HOLD#)
- Suspend a serial sequence without
deselecting the device
• Write Protection (WP#)
- Enables/Disables the Lock-Down function of
the STATUS register
• Software Write Protection
- Write protection through Block-Protection bits
in STATUS register
• Temperature Range
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
- AECQ-100 Qualified
• All devices are RoHS compliant
Packages
• 8-lead SOIC (150 mils)
• 8-contact USON (2 mm x 3 mm)
Product Description
SST25WF080B is a member of the Serial Flash 25
Series family and feature a four-wire, SPI-compatible
interface that allows for a low pin-count package which
occupies less board space and ultimately lowers total
system costs. SPI serial flash memory is manufactured
with
proprietary,
high-performance
CMOS
SuperFlash® technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
This Serial Flash significantly improve performance
and reliability, while lowering power consumption. The
device writes (Program or Erase) with a single power
supply of 1.65V-1.95V. The total energy consumed is a
function of the applied voltage, current, and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy con-
sumed during any Erase or Program operation is less
than alternative flash memory technologies.
See Figure 2-1 for the pin assignments.
8-Mbit, 1.8V, SPI Serial Flash


Similar Part No. - SST25WF080BT-40E/NP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF080BT-40I/NP MICROCHIP-SST25WF080BT-40I/NP Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080BT-40I/SN MICROCHIP-SST25WF080BT-40I/SN Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
More results

Similar Description - SST25WF080BT-40E/NP

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25WF040B MICROCHIP-SST25WF040B Datasheet
734Kb / 39P
4 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF040B MICROCHIP-SST25WF040B_V01 Datasheet
1Mb / 41P
4 Mbit 1.8V SPI Serial Flash
Revision E Dec 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com