Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF080BT-40E/NP Datasheet(PDF) 32 Page - Microchip Technology

Part # SST25WF080BT-40E/NP
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080BT-40E/NP Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST25WF080BT-40E/NP Datasheet HTML 28Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 29Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 30Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 31Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 32Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 33Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 34Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 35Page - Microchip Technology SST25WF080BT-40E/NP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
SST25WF080B
DS20005164H-page 32
 2013-2022 Microchip Technology Inc. and its subsidiaries
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
RoHS-compliant JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the RoHS-compliant JEDEC®
designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
1st Line Marking Codes
SOIC
USON
SST25WF080B
25WF080B
5W80B
26F016B
SM 3
e
1503343
8-Lead SOIC (150 mils)
Example
25WF080B
13F
SN2241
5W80B
224113F
8-Lead USON (2x3 mm)
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com