Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF016B-80E/MF Datasheet(PDF) 81 Page - Microchip Technology

Part # SST26VF016B-80E/MF
Description  2.5V/3.0V 16-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016B-80E/MF Datasheet(HTML) 81 Page - Microchip Technology

Back Button SST26VF016B-80E/MF Datasheet HTML 76Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 77Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 78Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 79Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 80Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 81Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 82Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 83Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 84Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005262G-page 81
SST26VF016B
11.1.2
NUMBER OF SECTORS
Number of Sectors represents the number of contigu-
ous sectors/blocks with similar size. A formula calcu-
lates the contiguous sectors/blocks with similar size.
Given the sector/block size, type and the number of
sectors, the address range of these sectors/blocks can
be determined along with specific Block Locking Reg-
ister bits that control the read/write protection of each
sector/block.
11.1.3
BLOCK PROTECTION REGISTER
BIT START LOCATION (BPSL)
Block Protection Register Bit Start Location (BPSL)
designates the start bit location in the Block Protection
Register where the first sector/block of this Major Sec-
tion begins. If the value of BPSL is 00H, this location is
the 0 bit location. If the value is other than 0, then this
value is a constant value adder (c) for a given formula,
(2m + 1) + (c) (see Section 11.1.5 “Memory Configu-
ration”).
From the initial location, there will be a bit location for
every increment by 1 until it reaches the Block Protec-
tion Register Bit End Location (BPEL). This number
range from BPSL to BPEL will correspond to and be
equal to the number of sectors/blocks on this Major
Section.
11.1.4
BLOCK PROTECTION REGISTER
BIT END LOCATION (BPEL)
Block Protection Register Bit End Location designates
the end bit location in the Block Protection Register bit
where the last sector/block of this Major Section ends.
The value in this field is a constant value adder (c) for
a given formula or equation,
(2m + 1) + (c) (see
Section 11.1.5 “Memory Configuration”).
11.1.5
MEMORY CONFIGURATION
For the SST26VF016B family, the memory configura-
tion is setup with different contiguous block sizes from
bottom to the top of the memory. For example, starting
from bottom of memory it has four 8-Kbyte blocks, one
32-Kbyte block, x number of 64-Kbyte blocks depend-
ing on memory size, then one 32-Kbyte block and four
8-Kbyte block on the top of memory (see Table 11-3).
TABLE 11-3: MEMORY BLOCK DIAGRAM REPRESENTATION
8-Kbyte Bottom Block
(from 000000H)
Section 1: Sector Type Number
Section 1: Number of Sectors
Section 1: Block Protection Register Bit Start Location
Section 1: Block Protection Register Bit End Location
32-Kbyte
Section 2: Sector Type Number
Section 2: Number of Sectors
Section 2: Block Protection Register Bit Start Location
Section 2: Bloc Protection Register Bit End Location
64-Kbyte
Section 3: Sector Type Number
Section 3: Number of Sectors
Section 3: Block Protection Register Bit Start Location
Section 3: Block Protection Register Bit End Location
32-Kbyte
Section 4: Sector Type Number
Section 4: Number of Sectors
Section 4: Block Protection Register Bit Start Location
Section 4: Block Protection Register Bit End Location
8-Kbyte (Top Block)
Section 5: Sector Type Number
Section 5: Number of Sectors
Section 5: Block Protection Register Bit Start Location
Section 5: Block Protection Register Bit End Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com