Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF016B-80E/MF Datasheet(PDF) 13 Page - Microchip Technology

Part # SST26VF016B-80E/MF
Description  2.5V/3.0V 16-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016B-80E/MF Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST26VF016B-80E/MF Datasheet HTML 9Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 10Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 11Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 12Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 13Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 14Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 15Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 16Page - Microchip Technology SST26VF016B-80E/MF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005262G-page 13
SST26VF016B
Identification
JEDEC-ID
JEDEC-ID Read
9FH
X
0
0
3 to ∞
104 MHz/
80 MHz
Quad J-ID
Quad I/O J-ID Read
AFH
X
0
1
3 to ∞
SFDP
Serial Flash Discoverable
Parameters
5AH
X
3
1
1 to ∞
Write
WREN
Write Enable
06H
X
X
0
0
0
104 MHz/
80 MHz
WRDI
Write Disable
04H
X
X
0
0
0
SE(11)
Erase 4 Kbytes of Memory
Array
20H
X
X
3
0
0
BE(12)
Erase 64, 32 or 8 Kbytes of
Memory Array
D8H
X
X
3
0
0
CE
Erase Full Array
C7H
X
X
0
0
0
PP
Page Program
02H
X
X
3
0
1 to 256
SPI Quad
PP(7)
SQI Quad Page Program
32H
X
3
0
1 to 256
WRSU
Suspends Program/Erase
B0H
X
X
0
0
0
104 MHz/
80 MHz
WRRE
Resumes Program/Erase
30H
X
X
0
0
0
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS FOR SST26VF016B (CONTINUED)
Instruction
Description
Command
Cycle(1)
Mode
Address
Cycle(s)(2,3)
Dummy
Cycle(s)(3)
Data
Cycle(s)(3)
Max
Freq(4)
SPI SQI
Note 1: Command cycle is two-clock periods in SQI mode and eight-clock periods in SPI mode.
2: Address bits above the Most Significant bit of each density can be VIL or VIH.
3: Address, Dummy/Mode bits and Data cycles are two-clock periods in SQI and eight-clock periods in SPI
mode.
4: The maximum frequency for all instructions is up to 104 MHz from 2.7V to 3.6V and up to 80 MHz from
2.3V to 3.6V unless otherwise noted. For extended temperature (+125°C), the maximum frequency is up
to 80 MHz.
5: RST command only executed if RSTEN command is executed first. Any intervening command will disable
Reset.
6: Device accepts eight-clock command in SPI mode or two-clock command in SQI mode.
7: Data cycles are two-clock periods. IOC bit must be set to ‘1’ before issuing the command.
8: Address, Dummy/Mode bits and data cycles are two-clock periods. IOC bit must be set to ‘1’ before issu-
ing the command.
9: Data cycles are four-clock periods.
10: Address, Dummy/Mode bits and Data cycles are four-clock periods.
11: Sector Addresses: Use AMS-A12, remaining address are “don’t care”, but must be set to VIL or VIH.
12: Blocks are 64-Kbyte, 32-Kbyte or 8-Kbyte, depending on location. Block Erase Address: AMS-A16 for
64-Kbyte; AMS-A15 for 32-Kbyte; AMS-A13 for 8-Kbyte. Remaining addresses are “don’t care”, but must be
set to VIL or VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com