Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2170 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2170
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2170 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2170 Datasheet HTML 1Page - Maxim Integrated Products MAX2170 Datasheet HTML 2Page - Maxim Integrated Products MAX2170 Datasheet HTML 3Page - Maxim Integrated Products MAX2170 Datasheet HTML 4Page - Maxim Integrated Products MAX2170 Datasheet HTML 5Page - Maxim Integrated Products MAX2170 Datasheet HTML 6Page - Maxim Integrated Products MAX2170 Datasheet HTML 7Page - Maxim Integrated Products MAX2170 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX2170 evaluation kit (EV kit) simplifies evalua-
tion of the MAX2170 direct-conversion to low-IF tuner. It
enables testing of the device’s performance and
requires no additional support circuitry. Standard 50Ω
SMA and BNC connectors are included on the EV kit for
the inputs and outputs to allow quick and easy evalua-
tion on the test bench. The EV kit is fully assembled and
tested at the factory.
This document provides a list of equipment required to
evaluate the device, a straightforward test procedure to
verify functionality, a description of the EV kit circuit, the
circuit schematic, a bill of materials (BOM) for the kit,
and artwork for each layer of the PCB.
Features
o Easy Evaluation of the MAX2170
o +2.7V to +3.5V Single-Supply Operation
o 50Ω
Ω SMA Connector on the RF Ports
o 50Ω
Ω BNC Connector for the Baseband Output
o Jumpers for Automatic Gain Control
o All Critical Peripheral Components Included
o Parallel Port for I2C Interfacing
o PC Control Software Available at
www.maxim-ic.com
MAX2170 Evaluation Kit
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
Maxim Integrated Products
1
19-0711; Rev 0; 12/06
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX2170EVKIT+
-40°C to +85°C
40 QFN-EP*
DESIGNATION
QTY
DESCRIPTION
C1
1
18pF ±5% capacitor (0402)
Murata GRM1555C1H180J
C2, C6, C46,
C47, C71, C72,
C73
7
330pF ±10% capacitors (0402)
Murata GRM155R71H331K
C3, C14, C17
3
1.0µF ±10% capacitors (0402)
Murata GRM155R60J105K
C4
1
100µF ±20% capacitor (1210)
AVX 1210D107MAT
C5
1
4.7µF ±20% capacitor (0805)
Murata GRM21BF51A475Z
C7, C18, C22,
C38, C39, C41
6
1000pF ±5% capacitors (0402)
Murata GRM1555C1H102J
C8, C13, C16,
C20, C28, C29
6
0.01µF ±10% capacitors (0402)
Murata GRM155R71C103K
C9, C10, C15,
C19, C21, C31,
C40, C42, C44,
C45, C75
11
0.1µF ±10% capacitors (0402)
Murata GRM155R61A104K
C11, C12
2
0.33µF ±10% capacitors (0603)
Murata GRM155R60J334K
DESIGNATION
QTY
DESCRIPTION
C23
1
100pF ±5% capacitor (0402)
Murata GRM1555C1H101J
C24, C25, C26,
C30, C32–C37,
C43, C48
0
Not installed, capacitors
C27
1
33pF ±5% capacitor (0402)
Murata GRM1555C1H330J
C76
1
10µF ±10% tantalum capacitor
(C-case)
AVX TAJC106K016
D1
1
Super-mini Schottky diode
Central Semi CMDSH2-3 (lead free)
J1
1
BNC 50
Ω vertical mount
A/D Electronics 580-002-00
J2
0
Not installed
J3, J4
2
SMA end-launch jack receptacles,
0.062in
Johnson 142-0701-801
J13
1
DB25 right-angle male connector
AMP 5747238-4
JP1
0
Not installed
+
Denotes a lead-free and RoHS-compliant EV kit.
*
EP = Exposed paddle.


Similar Part No. - MAX2170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
MAX2172ETL MAXIM-MAX2172ETL Datasheet
4Mb / 38P
5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
MAX2173 MAXIM-MAX2173 Datasheet
121Kb / 2P
RF to Bits Tuner for Digital Audio Broadcast
More results

Similar Description - MAX2170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
MAX13487E MAXIM-MAX13487E_08 Datasheet
148Kb / 8P
Evaluation Kit
Rev 1; 11/08
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com