Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2170 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2170
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2170 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2170 Datasheet HTML 1Page - Maxim Integrated Products MAX2170 Datasheet HTML 2Page - Maxim Integrated Products MAX2170 Datasheet HTML 3Page - Maxim Integrated Products MAX2170 Datasheet HTML 4Page - Maxim Integrated Products MAX2170 Datasheet HTML 5Page - Maxim Integrated Products MAX2170 Datasheet HTML 6Page - Maxim Integrated Products MAX2170 Datasheet HTML 7Page - Maxim Integrated Products MAX2170 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX2170 Evaluation Kit
2
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
JP3
1
1 x 2 in-line header, 100-mil center
Sullins PEC36SAAN
JP4, JP10
2
1 x 3 in-line headers, 100-mil center
Sullins PEC36SAAN
L1
1
Not installed
L3, L4
2
91nH ±5% inductors (0603CS)
Murata LQW18AN91NJ00
Q1, Q2, Q3
3
NPN 1GHz wideband transistors
Philips BFS17W
R1
1
270
Ω ±5% resistor (0402)
R2, R6
2
1k
Ω ±1% resistors (0402)
R3, R9–R12,
R18, R41, R42
8
100
Ω ±5% resistors (0402)
R4, R5
2
2k
Ω ±1% resistors (0402)
R7, R35, R39
3
12k
Ω ±5% resistors (0402)
R8, R37, R46,
R47
42.7k
Ω ±5% resistors (0402)
R13
1
27.4k
Ω ±1% resistor (0402)
R14, R43
2
5.1k
Ω ±5% resistors (0402)
R15, R16, R19,
R25, R27, R28,
R29
0
Not installed, resistors
R17, R20, R21,
R22, R24
5
10k
Ω ±5% resistors (0402)
R23
1
49.9
Ω ±1% resistor (0402)
DESIGNATION
QTY
DESCRIPTION
R26
1
0
Ω ±5% resistor (0402)
R30
1
6.2k
Ω ±5% resistor (0402)
R31, R33
2
4.7k
Ω ±5% resistors (0402)
R32
1
1k
Ω ±5% resistor (0402)
R34
1
160k
Ω ±5% resistor (0402)
R36, R38
2
39k
Ω ±5% resistors (0402)
U1
1
MAX2170ETL+
U2
1
MAX4453ESA+ single-supply op
amp with rail-to-rail outputs
U3
1
Hex buffer/driver
Texas Instruments SN74LV07ADB
U4
1
MAX4729EXT+ low-voltage, SPDT
CMOS analog switch
Y2
1
24.576MHz crystal
TXC Corporation 7B24500140
BB+, BB-,
HOLD_AGC,
J5, J14, MUX,
REF, VDET,
VGC_BB,
VGC_RF,
VTUNE
11
PC mini (red)
Keystone 5000
GND, J15, TP1,
TP2
4
PC mini (black)
Keystone 5001
1
MAX2170EVKIT+ PCB
Component Suppliers
SUPPLIER
PHONE
FAX
WEBSITE
AVX Corp.
843-448-9411
843-448-7139
www.avxcorp.com
Central Semiconductor Corp.
631-435-1110
631-435-1824
www.centralsemi.com
Coilcraft, Inc.
847-639-6400
847-639-1469
www.coilcraft.com
Murata Mfg. Co., Ltd.
770-436-1300
770-436-3030
www.murata.com
Philips
800-447-1500
www.nxp.com
Texas Instruments Inc.
800-336-5236
www.ti.com
TXC Technology
714-990-5510
714-990-5520
www.txc.com.tw
Note: Indicate that you are using the MAX2170 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com