Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2170 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2170
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2170 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2170 Datasheet HTML 1Page - Maxim Integrated Products MAX2170 Datasheet HTML 2Page - Maxim Integrated Products MAX2170 Datasheet HTML 3Page - Maxim Integrated Products MAX2170 Datasheet HTML 4Page - Maxim Integrated Products MAX2170 Datasheet HTML 5Page - Maxim Integrated Products MAX2170 Datasheet HTML 6Page - Maxim Integrated Products MAX2170 Datasheet HTML 7Page - Maxim Integrated Products MAX2170 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Note the 6dB loss at the output ports of the EV kit
due to the 50Ω resistor in series at the buffer out-
puts and the 50Ω load of the test equipment.
Gain Control
The RF and baseband VGA circuits of the MAX2170
are controlled independently through jumpers JP10
and JP4, respectively. Connecting pins 2-3 of JP10
closes the RF gain control loop. The MAX2170 EV kit
also implements a control loop for the baseband VGA
through shorting pins 1-2 of JP4. The HOLD_AGC con-
trols the MAX4729 analog switch (see Figure 1 for
schematic details). In typical applications, the demodu-
lator controls the baseband VGA. The analog switch
and the external AGC circuitry (Q1, Q2, and Q3) are
optional components and only needed when the
demodulator lacks a baseband AGC control circuit.
Layout Issues
A good PCB is an essential part of an RF circuit design.
The EV kit PCB serves as a guide for laying out a board
using the MAX2170. Keep traces carrying RF signals
as short as possible to minimize radiation and insertion
loss. Use impedance control on all RF signal traces.
The exposed paddle must be soldered evenly to the
board’s ground plane for proper operation. Use abun-
dant vias beneath the exposed paddle and between RF
traces to minimize undesired RF coupling.
To minimize coupling between different sections of the
IC, each VCC pin must have a bypass capacitor with low
impedance to the closest ground at the frequency of
interest. Do not share ground vias among multiple con-
nections to the PCB ground plane. Refer to the
Layout
section of the MAX2170 data sheet for more information.
MAX2170 Evaluation Kit
4
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com