Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3F8S45 Datasheet(PDF) 88 Page - Zilog, Inc.

Part # S3F8S45
Description  S3 Family 8-Bit Microcontrollers
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

S3F8S45 Datasheet(HTML) 88 Page - Zilog, Inc.

Back Button S3F8S45 Datasheet HTML 84Page - Zilog, Inc. S3F8S45 Datasheet HTML 85Page - Zilog, Inc. S3F8S45 Datasheet HTML 86Page - Zilog, Inc. S3F8S45 Datasheet HTML 87Page - Zilog, Inc. S3F8S45 Datasheet HTML 88Page - Zilog, Inc. S3F8S45 Datasheet HTML 89Page - Zilog, Inc. S3F8S45 Datasheet HTML 90Page - Zilog, Inc. S3F8S45 Datasheet HTML 91Page - Zilog, Inc. S3F8S45 Datasheet HTML 92Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 392 page
background image
PS032207-0418
P R E L I M I N A R Y
System Mode Register
S3F8S45 MCU
Product Specification
69
5.11. System Mode Register
The System Mode (SYM) Register, shown in Table 15, is used to globally enable and dis-
able interrupt processing and to control fast interrupt processing.
P3.3 external interrupt
P3.4 external interrupt
P3.5 external interrupt
P3.6 external interrupt
IRQ6
P3CONH
P3CONL
P03INTL
P03PND
EAh, Set1, Bank1
EBh, Set1, Bank1
E9h, Set1, Bank1
E7h, Set1, Bank1
P3.0 external interrupt
P3.1 external interrupt
P3.2 external interrupt
P0.3 external interrupt
IRQ7
P3CONL
P0CONL
P03INTH
P03PND
EBh, Set1, Bank1
D1h, Set1, Bank1
E8h, Set1, Bank1
E7h, Set1, Bank1
Table 15. System Mode Register (SYM; Set1, Bank0)
Bit
76543210
Reset
0––
x
x
x
00
R/W
R/W
–
–
R/W
R/W
R/W
R/W
R/W
Address
DEh
Mode
Register Addressing Mode only
Note: R = read only; R/W = read/write.
Bit
Description
[7]
Reserved
[6:5]
Reserved
Note:
1. You can select only one interrupt level at a time for fast interrupt processing.
2. Setting SYM.1 to 1 enables fast interrupt processing for the interrupt level currently selected by SYM.2–SYM.4.
3. Following a reset, you must enable global interrupt processing by executing an EI instruction (not by writing a 1
to SYM.0).
Table 14. Interrupt Source Control and Data Registers (Continued)
Note: If an interrupt is unmasked (i.e., Enable Interrupt level) in the IMR Register, the pending and enable
bits of the interrupt should be written after a DI instruction is executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com