Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3F8S45 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # S3F8S45
Description  S3 Family 8-Bit Microcontrollers
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

S3F8S45 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button S3F8S45 Datasheet HTML 17Page - Zilog, Inc. S3F8S45 Datasheet HTML 18Page - Zilog, Inc. S3F8S45 Datasheet HTML 19Page - Zilog, Inc. S3F8S45 Datasheet HTML 20Page - Zilog, Inc. S3F8S45 Datasheet HTML 21Page - Zilog, Inc. S3F8S45 Datasheet HTML 22Page - Zilog, Inc. S3F8S45 Datasheet HTML 23Page - Zilog, Inc. S3F8S45 Datasheet HTML 24Page - Zilog, Inc. S3F8S45 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 392 page
background image
PS032207-0418
P R E L I M I N A R Y
Features
S3F8S45 MCU
Product Specification
2
1.2. Features
The S3F8S45 MCU offers the following features:
• SAM88 RC CPU core
• Program memory (full Flash ROM):
–
16K x 8 bits program memory
–
Internal Flash (program) memory
○
Sector size: 128 bytes
○
10 years data retention
○
Fast programming time; user program and sector erase available
○
Endurance: 10,000 erase/program cycles
○
External serial programming support
○
Expandable On-Board Program (OBP) sector
• Data memory (RAM)
–
LCD display data memory
–
528 x 8 bits data memory
• Instruction set
–
78 instructions
–
IDLE and STOP instructions added for power-down modes
• 38 I/O pins
–
8 pins shared with other signal pins
–
30 pins shared with LCD signal outputs
• Interrupts
–
8 interrupt levels and 22 interrupt sources
–
Fast interrupt processing feature
• 8-bit basic timer
–
Watchdog timer function
• 2 watchdog timer clock sources:
–
Basic timer
–
32kHz internal RC oscillator, selectable by the Smart Option
• 8-bit Timer/Counter A:
–
Programmable 8-bit internal timer
–
External event counter function
–
PWM and capture function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com