Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3F8S45 Datasheet(PDF) 97 Page - Zilog, Inc.

Part # S3F8S45
Description  S3 Family 8-Bit Microcontrollers
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

S3F8S45 Datasheet(HTML) 97 Page - Zilog, Inc.

Back Button S3F8S45 Datasheet HTML 93Page - Zilog, Inc. S3F8S45 Datasheet HTML 94Page - Zilog, Inc. S3F8S45 Datasheet HTML 95Page - Zilog, Inc. S3F8S45 Datasheet HTML 96Page - Zilog, Inc. S3F8S45 Datasheet HTML 97Page - Zilog, Inc. S3F8S45 Datasheet HTML 98Page - Zilog, Inc. S3F8S45 Datasheet HTML 99Page - Zilog, Inc. S3F8S45 Datasheet HTML 100Page - Zilog, Inc. S3F8S45 Datasheet HTML 101Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 392 page
background image
PS032207-0418
P R E L I M I N A R Y
Interrupt Source Polling Sequence
S3F8S45 MCU
Product Specification
78
1. Reset (clear to 0) the interrupt enable bit in the SYM Register (SYM.0) to disable all
subsequent interrupts.
2. Save the program counter (PC) and status flags to the system stack.
3. Branch to the interrupt vector to fetch the address of the service routine.
4. Pass control to the interrupt service routine.
When the interrupt service routine is completed, the CPU issues an Interrupt Return
(IRET). This IRET restores the PC and status flags and sets SYM.0 to 1, allowing the CPU
to process the next interrupt request.
5.20. Generating Interrupt Vector Addresses
The interrupt vector area in ROM (00h–FFh) contains the addresses of interrupt service
routines that correspond to each level in the interrupt structure. Vectored interrupt pro-
cessing observes the following sequence:
1. Push the program counter’s low-byte value to the stack.
2. Push the program counter’s high-byte value to the stack.
3. Push the Flags Register values to the stack.
4. Fetch the service routine’s high-byte address from the vector location.
5. Fetch the service routine’s low-byte address from the vector location.
6. Branch to the service routine specified by the concatenated 16-bit vector address.
A 16-bit vector address always begins at an even-numbered ROM address within the
range 00h–FFh.
5.21. Nesting of Vectored Interrupts
It is possible to nest a higher-priority interrupt request while a lower-priority request is
being serviced, as shown in the following sequence.
1. Push the current 8-bit Interrupt Mask (IMR) Register value to the stack (PUSH IMR).
2. Load the IMR Register with a new mask value that enables only the higher-priority
interrupt.
3. Execute an EI instruction to enable interrupt processing (a higher-priority interrupt
will be processed if it occurs).
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com