Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS8200HQ Datasheet(PDF) 5 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 5 Page - STMicroelectronics

  IPS8200HQ Datasheet HTML 1Page - STMicroelectronics IPS8200HQ Datasheet HTML 2Page - STMicroelectronics IPS8200HQ Datasheet HTML 3Page - STMicroelectronics IPS8200HQ Datasheet HTML 4Page - STMicroelectronics IPS8200HQ Datasheet HTML 5Page - STMicroelectronics IPS8200HQ Datasheet HTML 6Page - STMicroelectronics IPS8200HQ Datasheet HTML 7Page - STMicroelectronics IPS8200HQ Datasheet HTML 8Page - STMicroelectronics IPS8200HQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Pin
Name
Type
Description
SPI mode
Parallel mode
18
VREG
Power supply
Supply of SPI, Inputs and LED Matrix.
19
COL0
Open source
output
LED matrix column driver (odd OUTX).
20
COL1
Open source
output
LED matrix column driver (even OUTX).
21
DCVDD
Analog output
Internally generated DC/DC voltage (to be connected to an external 10 nF capacitor).
22
VREF
Analog output
Internally generated DC/DC reference voltage (to be connected to an external 10 nF
capacitor).
23
ROW0
Open drain output LED matrix row driver (OUT1, OUT2).
24
ROW1
Open drain output LED matrix row driver (OUT3, OUT4).
25
ROW2
Open drain output LED matrix row driver (OUT5, OUT6).
26
ROW3
Open drain output LED matrix row driver (OUT7, OUT8).
32
PG
Open drain output
Connects to VREG by a pull-up resistor. The Power Good diagnostic pin is activated
(forced low) when the voltage on the VCC pin goes below VPGH2.
33
FAULT
Open drain output
Connects to VREG by a pull-up resistor. The Common Fault diagnostic pin is
activated (forced low) when a junction overtemperature event or SPI communication
fault event (parity check error or module-8 violation) occurs.
34
TWARN
Open drain output
Connects to VREG by a pull-up resistor. The Case Temperature diagnostic pin is
activated (forced low) when a case overtemperature event occurs.
36
FB
Analog input
Step-down feedback input. Connecting the FB pin to the DCVDD pin disables the
DC/DC. Connect FB to VREG to make the DC/DC supply 3.3 V. An external resistor
divider is required for higher output voltage.
37
GND
Ground.
38
PHASE
Power output
Embedded power switch source pin of the DC/DC step-down (buck) converter.
39
BOOT
Power output
Bootstrap voltage of the DC/DC converter. It is used to provide a drive voltage, higher
than the supply voltage, to power the switch of the step-down regulator.
41
OUT8
Power output
Channel 8 power output.
42
OUT7
Power output
Channel 7 power output.
43
OUT6
Power output
Channel 6 power output.
44
OUT5
Power output
Channel 5 power output.
45
OUT4
Power output
Channel 4 power output.
46
OUT3
Power output
Channel 3 power output.
47
OUT2
Power output
Channel 2 power output.
48
OUT1
Power output
Channel 1 power output.
TAB
TAB
Power supply
Exposed tab, internally connected to VCC IC supply rail.
IPS8200HQ, IPS8200HQ-1
Pin connection
DS14313 - Rev 2
page 5/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com