Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS8200HQ Datasheet(PDF) 25 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 25 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 21Page - STMicroelectronics IPS8200HQ Datasheet HTML 22Page - STMicroelectronics IPS8200HQ Datasheet HTML 23Page - STMicroelectronics IPS8200HQ Datasheet HTML 24Page - STMicroelectronics IPS8200HQ Datasheet HTML 25Page - STMicroelectronics IPS8200HQ Datasheet HTML 26Page - STMicroelectronics IPS8200HQ Datasheet HTML 27Page - STMicroelectronics IPS8200HQ Datasheet HTML 28Page - STMicroelectronics IPS8200HQ Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Table 19. TOLERANCE OF FORM AND POSITION (see notes 1, 12)
Symbol
Definition
Tolerance [mm]
Notes
aaa
The bilateral profile tolerance
that controls the position of
the plastic body sides. The
centers of the profile zones
are defined by the basic
dimensions D and E.
0.10
bbb
The tolerance that controls
the position of the entire
terminal pattern with respect
to Datum’s A and B. The
center of the tolerance zone
for each terminal is defined by
the basic dimension “e” as
related to Datum’s A and B.
0.10
ccc
The tolerance located parallel
to the seating plane in which
the top surface of the
package must be located.
0.10
ddd
The tolerance that controls
the position of the terminals to
each other. The centers of the
profile zones are defined by
the basic dimension “e.”
0.05
This tolerance is normally
compounded with a tolerance
zone defined by bbb.
eee
The unilateral tolerance
located above the seating
plane where the bottom
surface of all terminals must
be located.
0.08
This tolerance is commonly
known as the “co-planarity” of
the package terminals.
fff
The tolerance that controls
the position of the exposed
metal heat feature. The
center of the tolerance zone
is defined by the Datum’s
center lines of the package
body.
0.10
IPS8200HQ, IPS8200HQ-1
VFQFPN-48L 8x6 mm, package information
DS14313 - Rev 2
page 25/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com