Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS8200HQ Datasheet(PDF) 16 Page - STMicroelectronics

Part # IPS8200HQ
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IPS8200HQ Datasheet HTML 12Page - STMicroelectronics IPS8200HQ Datasheet HTML 13Page - STMicroelectronics IPS8200HQ Datasheet HTML 14Page - STMicroelectronics IPS8200HQ Datasheet HTML 15Page - STMicroelectronics IPS8200HQ Datasheet HTML 16Page - STMicroelectronics IPS8200HQ Datasheet HTML 17Page - STMicroelectronics IPS8200HQ Datasheet HTML 18Page - STMicroelectronics IPS8200HQ Datasheet HTML 19Page - STMicroelectronics IPS8200HQ Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Figure 9. SPI mode diagram
CPHA=0
SCK
CPOL=0
SDO
SDI
Capture
strobe
SS
Bit 1
Bit 1
Bit 2
Bit 3
Bit 2
Bit 5
Bit 3
Bit 4
Bit 4
Bit 6
Bit 5
MSBit
Bit 6
LSBit
MSBit
LSBit
GIPG030420151131LM
8.6
8/16-bit selection (SEL1)
If SEL2 = H, SEL1 is used to select between two possible SPI configurations: the 8-bit SPI mode (SEL1 = L) and
the 16-bit SPI mode (SEL1 = H). The 8/16-bit SPI operation is described below.
8.7
Output enable (OUT_EN)
If SEL2 = H, the OUT_EN pin provides a fast way to disable all the outputs simultaneously. When the OUT_EN
pin is driven low for at least TRES, the outputs are disabled while fault conditions in the SPI register are latched. To
enable the outputs, the OUT_EN pin should be raised and the IC should be reprogrammed through the SPI
interface. As fault conditions are latched inside the IC, the SPI interface also works while the OUT_EN pin is
driven low. The SPI can be used to detect if a fault condition occurred before the reset event.
The device is ready to operate normally after a TSU period. The OUT_EN pin is the fastest way to disable all
outputs when a fault occurs.
Figure 10. Output channel enable/disable behavior
OUT_EN
Vin(i )
OUT( i)
GIPG030420151208LM
IPS8200HQ, IPS8200HQ-1
8/16-bit selection (SEL1)
DS14313 - Rev 2
page 16/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com