Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BX Datasheet(PDF) 7 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 3Page - STMicroelectronics ISM330BX Datasheet HTML 4Page - STMicroelectronics ISM330BX Datasheet HTML 5Page - STMicroelectronics ISM330BX Datasheet HTML 6Page - STMicroelectronics ISM330BX Datasheet HTML 7Page - STMicroelectronics ISM330BX Datasheet HTML 8Page - STMicroelectronics ISM330BX Datasheet HTML 9Page - STMicroelectronics ISM330BX Datasheet HTML 10Page - STMicroelectronics ISM330BX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
2.4
Sensor fusion low power
A sensor fusion low-power (SFLP) block is available in the ISM330BX for generating the following data based on
the accelerometer and gyroscope data processing:
•
Game rotation vector, which provides a quaternion representing the attitude of the device
•
Gravity vector, which provides a three-dimensional vector representing the direction of gravity
•
Gyroscope bias, which provides a three-dimensional vector representing the gyroscope bias
The SFLP block is enabled by setting the SFLP_GAME_EN bit to 1 of the EMB_FUNC_EN_A (04h) embedded
functions register.
The SFLP block can be reinitialized by setting the SFLP_GAME_INIT bit to 1 of the EMB_FUNC_INIT_A (66h)
embedded functions register.
Table 1. Sensor fusion performance
Parameter
Value
Static accuracy
heading / yaw
0.5 deg. / 5 minutes
pitch
1.5 deg.
roll
1.5 deg.
Low dynamic accuracy
heading / yaw
0.7 deg. / 5 minutes
pitch
0.5 deg.
roll
0.5 deg.
High dynamic accuracy
heading / yaw
5.9 deg. / 5 minutes
pitch
1.6 deg.
roll
1.2 deg.
Calibration time
0.8 seconds(1)
Orientation stabilization time
0.7 seconds
1. Time required to reach steady state
2.5
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware using only the
accelerometer to achieve targets of both ultralow power consumption and robustness during the short duration of
dynamic accelerations.
The tilt function is based on a trigger of an event each time the device's tilt changes and can be used with
different scenarios.
2.6
Significant motion detection
The significant motion detection (SMD) function generates an interrupt when a ‘significant motion’, that could be
due to a change in device location, is detected. In the ISM330BX device this function has been implemented in
hardware using only the accelerometer.
SMD functionality can be used in location-based applications in order to receive a notification indicating when the
user is changing location.
ISM330BX
Embedded low-power features
DS14588 - Rev 2
page 7/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com