Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 1 Page - STMicroelectronics

  ISM330BX Datasheet HTML 1Page - STMicroelectronics ISM330BX Datasheet HTML 2Page - STMicroelectronics ISM330BX Datasheet HTML 3Page - STMicroelectronics ISM330BX Datasheet HTML 4Page - STMicroelectronics ISM330BX Datasheet HTML 5Page - STMicroelectronics ISM330BX Datasheet HTML 6Page - STMicroelectronics ISM330BX Datasheet HTML 7Page - STMicroelectronics ISM330BX Datasheet HTML 8Page - STMicroelectronics ISM330BX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
Features
•
3-axis accelerometer with selectable full scale: ±2/±4/±8 g
•
3-axis gyroscope with extended selectable full scale:
±125/±250/±500/±1000/±2000/±4000 dps
•
3-axis accelerometer with flat, wide bandwidth (2 kHz) frequency response and
low noise (70 μg/√Hz over the SPI/I²C/I3C interface and even down to
30 μg/√Hz over the TDM interface)
•
Low supply current in high-performance mode: 0.6 mA in combo mode;
0.19 mA accelerometer only
•
SPI / I²C / MIPI I3C® v1.1 serial interface with main processor data
synchronization
•
TDM controller interface
•
Embedded sensor fusion low-power (SFLP) algorithm
•
Programmable finite state machine for accelerometer, gyroscope, and analog
hub / Qvar sensor data processing with high rate @ 960 Hz
•
Machine learning core with exportable features and filters for AI applications
•
Embedded adaptive self-configuration (ASC)
•
Smart FIFO up to 4.5 KB
•
Embedded analog hub for analog-to-digital conversion and processing analog
input data
•
Embedded Qvar: electric charge variation detection
•
Embedded temperature sensor
•
Analog supply voltage: 1.71 V to 3.6 V
•
Independent IO supply (extended range: 1.08 V to 3.6 V)
•
Compact footprint: 2.5 mm x 3 mm x 0.71 mm
•
ECOPACK and RoHS compliant
Applications
•
Condition monitoring
•
Robotics
•
Motion tracking
•
White goods
•
Hearing aids
Description
The ISM330BX is a system-in-package inertial measurement unit (IMU) featuring a
3
‑axis digital accelerometer and a 3-axis digital gyroscope with triple channels for
processing acceleration and angular rate data for motion tracking and vibration
measurements along with Qvar sensing on up to three separate channels with
dedicated configuration, processing, and filtering.
The motion tracking in high-performance mode runs at 0.6 mA and enables always-
on low-power features for an optimal motion experience.
Product status link
ISM330BX
Product summary
Order code
ISM330BXTR
Temp. range [°C]
-40 to +85
Package
LGA-14L
(2.5 x 3.0 x 0.71 mm)
Packing
Tape and reel
Product resources
AN6109 (device application note)
AN6123 (finite state machine)
AN6124 (machine learning core)
TN0018 (design and soldering)
Product labels
6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise
accelerometer, embedded AI and sensor fusion for industrial applications
ISM330BX
Datasheet
DS14588 - Rev 2 - June 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ISM330BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISM330BX STMICROELECTRONICS-ISM330BX Datasheet
7Mb / 150P
6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
04-Jun-2024
ISM330BXTR STMICROELECTRONICS-ISM330BXTR Datasheet
7Mb / 150P
6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
04-Jun-2024
More results

Similar Description - ISM330BX

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BHI360 BOSCH-BHI360 Datasheet
2Mb / 139P
Programmable, low power, Inertial Measurement Unit with integrated sensor fusion library
April 01, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com