Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BX Datasheet(PDF) 3 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 3 Page - STMicroelectronics

  ISM330BX Datasheet HTML 1Page - STMicroelectronics ISM330BX Datasheet HTML 2Page - STMicroelectronics ISM330BX Datasheet HTML 3Page - STMicroelectronics ISM330BX Datasheet HTML 4Page - STMicroelectronics ISM330BX Datasheet HTML 5Page - STMicroelectronics ISM330BX Datasheet HTML 6Page - STMicroelectronics ISM330BX Datasheet HTML 7Page - STMicroelectronics ISM330BX Datasheet HTML 8Page - STMicroelectronics ISM330BX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 150 page
background image
1
Overview
The ISM330BX is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope with up to three processing channels.
Channel 1 has been designed for data processing for motion tracking and 3D spatial tracking. Acceleration and
angular rate data are available on the primary output of the I²C / SPI / MIPI I3C® interface for the accelerometer
and gyroscope with independent ODR and FS.
Channel 2 has been designed for acceleration data only. Data are available on the TDM interface at 8 kHz or
16 kHz. Acceleration data made available through channel 2 have dedicated processing and filtering for those
applications requiring ultralow noise (down to 30 μg/√Hz), linear phase, and low latency.
Channel 3 is dedicated to the analog hub and Qvar, which is an electrical potential sensor able to measure the
variation of the quasi-electrostatic potential.
The ISM330BX embeds an analog hub, which is able to connect an external analog input and convert it to a
digital signal for processing, and includes advanced dedicated features like a finite state machine and data
filtering for motion processing.
The event-detection interrupts enable efficient and reliable motion tracking and context awareness, implementing
hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or inactivity,
stationary/motion detection and wake-up events. Machine learning and finite state machine processing allow
moving some algorithms from the application processor to the ISM330BX sensor, enabling consistent reduction of
power consumption.
Embedded FIFO with compression and dynamic allocation of significant data allows overall power saving of the
system with a FIFO buffer size up to 4.5 KB.
The ISM330BX MEMS sensor module leverages the robust and mature in-house manufacturing processes
already used for the production of micromachined accelerometers and gyroscopes. The various sensing elements
are manufactured using specialized micromachining processes, while the IC interfaces are developed using
CMOS technology that allows the design of a dedicated circuit, which is trimmed to better match the
characteristics of the sensing element.
The ISM330BX is available in a small plastic, land grid array (LGA) package of 2.5 x 3.0 x 0.71 mm to address
ultracompact solutions.
ISM330BX
Overview
DS14588 - Rev 2
page 3/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com