Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7293BCPZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 55Page - Analog Devices AD7293BCPZ Datasheet HTML 56Page - Analog Devices AD7293BCPZ Datasheet HTML 57Page - Analog Devices AD7293BCPZ Datasheet HTML 58Page - Analog Devices AD7293BCPZ Datasheet HTML 59Page - Analog Devices AD7293BCPZ Datasheet HTML 60Page - Analog Devices AD7293BCPZ Datasheet HTML 61Page - Analog Devices AD7293BCPZ Datasheet HTML 62Page - Analog Devices AD7293BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 59 of 79
Table 83. Temperature Sensor Offset Registers (Register 0x20 to Register 0x22)
Bit Number(s)
Bit Name
Description
D7
B7
0: 0°C (default)
1: −16°C
D6
B6
0: 0°C (default)
1: 8°C
D5
B5
0: 0°C (default)
1: 4°C
D4
B4
0: 0°C (default)
1: 2°C
D3
B3
0: 0°C (default)
1: 1°C
D2
B2
0: 0°C (default)
1: 0.5°C
D1
B1
0: 0°C (default)
1: 0.25°C
D0
B0
0: 0°C (default)
1: 0.125°C
Table 84. Unipolar DAC Offset Registers (Register 0x30 to Register 0x33)
Bit Number(s)
Bit Name
Description
[D7:D6]
Reserved
Reserved
[D5:D4]
Offset
00: 0 V to 5 V (default)
01: 2.5 V to 7.5 V
10: 5 V to 10 V
11: 5 V to 10 V
[D3:D2]
Reserved
Reserved
D1
Copy
0: do not copy (default)
1: sets all unipolar DACs to same value
D0
Reserved
Reserved
Table 85. Bipolar DAC Offset Registers (Register 0x34 to Register 0x37)
Bit Number(s)
Bit Name
Description
[D7:D6]
Reserved
Reserved
[D5:D4]
Offset
00: 0 V to +5 V (default)
01: −4 V to +1 V
10: −5 V to 0 V
11: 0 V to +5 V in open loop, disables upper voltage limit in closed loop
[D3:D2]
Reserved
Reserved
D1
Copy
0: do not copy (default)
1: sets all bipolar DACs to same value
D0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com