Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7293BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 3Page - Analog Devices AD7293BCPZ Datasheet HTML 4Page - Analog Devices AD7293BCPZ Datasheet HTML 5Page - Analog Devices AD7293BCPZ Datasheet HTML 6Page - Analog Devices AD7293BCPZ Datasheet HTML 7Page - Analog Devices AD7293BCPZ Datasheet HTML 8Page - Analog Devices AD7293BCPZ Datasheet HTML 9Page - Analog Devices AD7293BCPZ Datasheet HTML 10Page - Analog Devices AD7293BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 7 of 79
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INTERNAL SUPPLY MONITORING INPUTS
AVDD
Gain Error
±0.33
%
Offset Error
±52
mV
AVSS
Gain Error
±0.53
%
Offset Error
±14
mV
DACVDD-UNI
Gain Error
±0.16
%
Offset Error
±12
mV
DACVDD-BI
Gain Error
±0.33
%
Offset Error
±52
mV
INTERNAL REFERENCE2
Reference Output Voltage
2.495
2.5
2.505
V
At TA = 25°C only
Reference Temperature Coefficient
±10
±30
ppm/°C
EXTERNAL REFERENCE
Reference Input Voltage Range
2.48
2.5
2.52
V
DC Input Leakage Current
±2
µA
1
See the Analog-to-Digital Converter (ADC) Overview section for more details.
2
Guaranteed by design and characterization; not production tested.
3
VIN− = 0 V for specified performance.
4
VIN+ and VIN− must remain within GND and AVDD.
DAC
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 5 V, AVSS = −5 V, PAVDD =
5 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external; VDRIVE = 1.7 V to 5.5 V; TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY1
Resolution
12
Bits
Integral Nonlinearity (INL)
±1
±1.7
LSB
Bipolar
±3
Unipolar
±1
LSB
Load current ±10 mA within 300 mV of supply
Differential Nonlinearity (DNL)
−0.99
±0.3
+1
LSB
Guaranteed monotonic
Full-Scale (FS) Error
±2.5
mV
All 1s loaded to DAC register, no load applied
±0.65
% of FS
10 mA load applied
Offset Error
±10
mV
Unipolar, 2.5 V to 7.5 V range, 5 V to 10 V range
±10
mV
Unipolar, 0 V to 5 V range
±10
mV
Bipolar, 0 V to 5 V range
±11
mV
Bipolar, −4 V to +1 V, −5 V to 0 V range
Offset Error Temperature Coefficient
±8
µV/°C
Measured in the linear region, TA = 25°C
Gain Error
±0.15
% FSR
Bipolar
±0.4
% FSR
Unipolar
Gain Error Temperature Coefficient
±3
ppm/°C
DAC OUTPUT CHARACTERISTICS
Bipolar Open-Loop DAC Range
0
5
V
BI-VOUT0, BI-VOUT1, BI-VOUT2, and BI-VOUT3
−4
+1
V
−5
0
V
Unipolar DAC Range
0
5
V
UNI-VOUT0, UNI-VOUT1, UNI-VOUT2, and UNI-VOUT3
2.5
7.5
V
5
10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com