Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7293BCPZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 71Page - Analog Devices AD7293BCPZ Datasheet HTML 72Page - Analog Devices AD7293BCPZ Datasheet HTML 73Page - Analog Devices AD7293BCPZ Datasheet HTML 74Page - Analog Devices AD7293BCPZ Datasheet HTML 75Page - Analog Devices AD7293BCPZ Datasheet HTML 76Page - Analog Devices AD7293BCPZ Datasheet HTML 77Page - Analog Devices AD7293BCPZ Datasheet HTML 78Page - Analog Devices AD7293BCPZ Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 76 of 79
APPLICATIONS INFORMATION
The AD7293 contains all the functions required for general-
purpose monitoring and control of current, voltage, and
temperature. With its 60 V maximum common-mode range,
the device is useful in applications where current sensing in the
presence of a high common-mode voltage is required. Closed-
loop mode is designed for monitoring and controlling, for
example, the power amplifier in a cellular base station.
BASE STATION POWER AMPLIFIER CONTROL
The AD7293 is used in a signal chain to achieve the optimal
bias conditioning for enhancement mode or depletion mode
power amplifiers. The main factors influencing the bias
conditions are temperature, supply voltage, gate voltage drift,
and general processing parameters. The overall performance of
a power amplifier configuration is determined by the inherent
trade-offs required in efficiency, gain, and linearity. The high
level of integration as well as the intelligent features offered by
the AD7293 allows the use of a single chip to dynamically
control the drain bias current to maintain a constant value over
temperature and time, thus significantly improving the overall
performance of the power amplifier. The AD7293 incorporates
the functionality of eight discrete components, providing
considerable board area savings over discrete solutions.
The circuit shown in Figure 59 is the typical power amplifier
control application diagram for the AD7293. The device
monitors and controls the overall performance of four final
stage amplifiers. The gain control and phase adjustment of the
driver stage are incorporated in the application and are carried
out by the four available uncommitted outputs of the AD7293.
The high-side current sensor measures the amount of current
on the respective final stage amplifiers while the closed-loop
system maintains the programmed current across the sense
resistor. Furthermore, the PA_ON provides optional control for
a cutoff switch on the supply. The ALERTx pins can be configured
to trigger when current readings are more than a specified limit
and the RF input signal can be switched off by the ALERTx pin.
The alert feature can also be routed internally to clamp the DAC
outputs and turn off the power.
By measuring the transmitted (Tx) power and the received (Rx)
power, the device can dynamically change the drivers and PA
signal to optimize performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com