Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTG4N65L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTG4N65L-TN3-R
Description  650V TRENCH GATE FIELD-STOP IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTG4N65L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTG4N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTG4N65-S
Preliminary
Insulated Gate Bipolar Transistor
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-107.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCES
650
V
Gate-Emitter Voltage
VGES
±20
V
Transient Gate-emitter voltage (tp < 5 ms)
±25
V
Continuous Collector Current
TC=25°C
IC
8A
TC=100°C
4
A
Collector Current Pulsed (Note 1)
ICM
16
A
Diode Forward Current
TC=25°C
IF
8A
TC=100°C
4
A
Short Circuit Withstand Time
VGE = 15V, VCC ≤ 200V
Allowed number of short circuits < 1000
Time between short circuits: ≥1.0s
TVJ= 25°C
tSC
3
µs
Power Dissipation (TC=25°C)
PD
36
W
Operating Junction Temperature
TJ
-40 ~ +175
°C
Storage Temperature Range
TSTG
-55 ~ +175
°C
Notes: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
2. Pulse width limited by maximum junction temperature.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
3.47
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com