Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTG4N65L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTG4N65L-TN3-R
Description  650V TRENCH GATE FIELD-STOP IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTG4N65L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTG4N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTG4N65-S
Preliminary
Insulated Gate Bipolar Transistor
www.unisonic.com.tw
1 of 4
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R203-107.a
650V TRENCH GATE
FIELD-STOP IGBT
DESCRIPTION
The UTC UTG4N65-S is an Trench Field-Stop Insulated Gate
Bipolar Transistor. it uses UTC’s advanced technology to provide
customers with high switching speed, low saturation voltage and
low switching loss, etc.
The UTC UTG4N65-S is suitable for the resonant or soft
switching applications.
FEATURES
* High switching speed
* High avalanche ruggedness
* Low saturation voltage: VCE(SAT).Typ.=1.44V @ IC=4.0A, VGE=15V
(TC =25°C)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTG4N65L-TN3-R
UTG4N65G-TN3-R
TO-252
G
C
E
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UTG4N65L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UTG EATON-UTG Datasheet
164Kb / 4P
UTG - Metalok Bantam
logo
SOURIAU-SUNBANK Connect...
UTG SOURIAU-UTG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
logo
List of Unclassifed Man...
UTG010-4P ETC2-UTG010-4P Datasheet
880Kb / 33P
The plastic circular connector with metal locking
UTG010-4S ETC2-UTG010-4S Datasheet
880Kb / 33P
The plastic circular connector with metal locking
UTG0103P ETC2-UTG0103P Datasheet
880Kb / 33P
The plastic circular connector with metal locking
More results

Similar Description - UTG4N65L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
650V, 75A Field Stop Trench IGBT
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
650V 50A Field Stop Trench IGBT
RGT50NL65D ROHM-RGT50NL65D Datasheet
1Mb / 13P
650V 25A Field Stop Trench IGBT
RGTH50TK65 ROHM-RGTH50TK65 Datasheet
740Kb / 11P
650V 25A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
650V 30A Field Stop Trench IGBT
RGWX5TS65 ROHM-RGWX5TS65 Datasheet
977Kb / 10P
650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com