Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTG4N65L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTG4N65L-TN3-R
Description  650V TRENCH GATE FIELD-STOP IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTG4N65L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTG4N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTG4N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTG4N65-S
Preliminary
Insulated Gate Bipolar Transistor
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-107.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Off Characteristics
Collector-Emitter Breakdown Voltage
BVCES
650
V
Collector Cut-Off Current
ICES
VCE=650V, VGE=0V
5
μA
G-E Leakage Current
IGES
VCE=0V, VGE=±20V
±100
nA
On Characteristics
Gate to Emitter Threshold Voltage
VGE(TH)
IC=250μA, VCE=VGE
4.0
6.5
V
Collector to Emitter Saturation Voltage
VCE(SAT)
IC=4.0A, VGE=15V
TC=25°C
1.44
2.1
V
TC=125°C
1.8
V
Dynamic Characteristics
Input Capacitance
CIES
VCE=25V, VGE=0V, f=1MHz
433
pF
Output Capacitance
COES
31.5
pF
Reverse Transfer Capacitance
CRES
7.7
pF
Switching Characteristics
Total Gate Charge
QG
VCE=520V, IC=4.0A, VGE=15V
41.2
nC
Gate-Emitter Charge
QGE
13.7
nC
Gate-Collector Charge
QGC
16.3
nC
Turn-On Delay Time
tDON)
VCC=400V, IC=4.0A, RG=5Ω,
VGE=0~15V, L=1000μH
15
ns
Rise Time
tR
19
ns
Turn-Off Delay Time
tDOFF)
39
ns
Fall Time
tF
290
ns
Turn-On Switching Loss
EON
0.154
mJ
Turn-Off Switching Loss
EOFF
0.147
mJ
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward Voltage Drop
VF
IF=4.0A
1.49
3.0
V
Reverse Recovery Time
trr
IF=4.0A, dI/dt=100A/μS,
VCC=400V
38.1
ns
Reverse Recovery Charge
Qrr
29.6
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com