Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTXS0102L-CK08-2030-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTXS0102L-CK08-2030-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-CK08-2030-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTXS0102L-CK08-2030-R Datasheet HTML 1Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 2Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 3Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 4Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R140-034.b
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
B2
I/O
Input/output B2. Referenced to VCCB
2
GND
Ground
3
VCCA
A-Port supply voltage 1.65V ≤ VCCA ≤ 3.6V, VCCA ≤ VCCB
4
A2
I/O
Input/output A2. Referenced to VCCA
5
A1
I/O
Input/output A1. Referenced to VCCA
6
OE
I
3-state output-mode enable. Pull OE low to place all outputs in 3-state
mode. Referenced to VCCA
7
VCCB
B-Port supply voltage 2.3V ≤ VCCB ≤ 5.5V
8
B1
I/O
Input/output B1. Referenced to VCCB
Note: I=Input, O=Output, I/O=Input and Output.
FUNCTION TABLE
SUPPLY VOLTAGE
INPUT
INPUT/OUTPUT
VCCA
VCCB
OE
An
Bn
1.65V ~ VCCB
2.3V ~ 5.5V
L
Z
Z
1.65V ~ VCCB
2.3V ~ 5.5V
H
Input or Output
Output or Input
GND
GND
X
Z
Z
Notes: 1. H = High voltage level;L = Low voltage level;X = Don’t care;Z = high-impedance OFF-state
2. When either VCCA or VCCB is at GND level, the device goes into power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com