Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTXS0102L-CK08-2030-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UTXS0102L-CK08-2030-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-CK08-2030-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UTXS0102L-CK08-2030-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 10Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 11Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 12Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R140-034.b
DETAILED DESCRIPTION
Overview
The UTXS0102 device is a directionless voltage-level translator specifically designed for translating logic voltage
levels. The A port is able to accept I/O voltages ranging from 1.65V to 3.6V, while the B port can accept I/O voltages
from 2.3V to 5.5V. The device is a pass gate architecture with edge rate accelerators (one shots) to improve the
overall data rate. 10kΩ pull-up resistors, commonly used in open-drain applications, have been conveniently
integrated so that an external resistor is not needed. While this device is designed for open-drain applications, the
device can also translate push-pull CMOS logic outputs.
Architecture
The UTXS0102 architecture does not require a direction-control signal to control the direction of data flow from A
to B or from B to A.
A
10kΩ
B
Gate Bias
10kΩ
One-Shot
VCCA
VCCB
One-Shot
T2
T1
N2
Figure 1. Architecture of UTXS0102 I/O Cell
Each A-port I/O has an internal 10kΩ pull up resistor to VCCA, and each B-port I/O has an internal 10kΩ pull-up
resistor to VCCB. The output one-shots detect rising edges on the A or B ports. During a rising edge, the one-shot
turns on the PMOS transistors (T1, T2) for a short duration, which speeds up the low-to-high transition.
Input Driver Requirements
The fall time (tfA, tfB) of a signal depends on the output impedance of the external device driving the data I/Os of
the UTXS0102.Similarly,the tPHL and max data rates also depend on the output impedance of the external driver. The
values for tfA, tfB, tPHL, and maximum data rates in the data sheet assume that the output impedance of the external
driver is less than 50Ω.
Power-Up
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first.
Enable and Disable
The UTXS0102 has an OE input that is used to disable the device by setting OE low, which places all I/Os in the
Hi-Z state. The disable time (tdis) indicates the delay between the time when OE goes low and when the outputs
actually get disabled(Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the one-shot
circuitry to become operational after OE is taken high.
Pull-up or Pull-down Resistors on I/O Lines
Each A-port I/O has an internal 10kΩ pull-up resistor to VCCA, and each B-port I/O has an internal 10 kΩ pull-up
resistor to VCCB. If a smaller value of pull-up resistor is required, an external resistor must be added from the I/O to
VCCA or VCCB (in parallel with the internal 10 kΩ resistors).
Device Functional Modes
The UTXS0102 device has two functional modes, enabled and disabled. To disable the device set the OE input
low, which places all I/Os in a high impedance state. Setting the OE input high will enable the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com