Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTXS0102L-CK08-2030-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTXS0102L-CK08-2030-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-CK08-2030-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UTXS0102L-CK08-2030-R Datasheet HTML 2Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 3Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 4Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R140-034.b
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Port A Output High Voltage
VOHA
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V, IOH=-20μA,
VIB ≥ VCCB-0.4V
VCCA
×0.67
V
Port A Output Low Voltage
VOLA
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V, IOL=1mA,
VIB ≤ 0.15V
0.4
V
Port B Output High Voltage
VOHB
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V, IOH=-20μA
VIA ≥ VCCA-0.2V
VCCB
×0.67
V
Port B Output Low Voltage
VOLB
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V, IOL=1mA,
VIA ≤ 0.15V
0.4
V
Input Leakage Current
OE
II(LEAK)
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V
±1
μA
Power OFF Leakage
Current
A Port
IOFF
VCCA=0V, VCCB=0V~5.5V
±1
μA
B Port
VCCA=0V~3.6V, VCCB=0V
±1
μA
High-Impedance State
Output Current
A or B Port
IOZ
VCCA=1.65V~3.6V,
VCCB=2.3V~5.5V, OE=GND
±1
μA
Supply Current
ICCA
VI=VO=Open,
IO=0A
VCCA=1.65V~VCCB,
VCCB=2.3V~5.5V
2.4
μA
VCCA=3.6V,
VCCB=0V
2.2
μA
VCCA=0V,
VCCB=5.5V
-1
μA
ICCB
VCCA=1.65V~VCCB,
VCCB=2.3V~5.5V
12
μA
VCCA=3.6V,
VCCB=0V
-1
μA
VCCA=0V,
VCCB=5.5V
1
μA
ICCA+ICCB
VI=VCCI or
GND, IO=0A
VCCA=1.65V~VCCB,
VCCB=2.3V~5.5V
14.4
μA
Input Capacitance
OE
CIN
VCCA=3.3V, VCCB=3.3V
2.5
pF
Output Capacitance
A Port
CIO
VCCA=3.3V, VCCB=3.3V
5
pF
B Port
6
pF
Notes: 1. VCCI is the supply voltage associated with the input port.
2. VCCO is the supply voltage associated with the output port.
3. VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com