Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4046BEY Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4046BEY
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046BEY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4046BEY Datasheet HTML 4Page - STMicroelectronics HCF4046BEY Datasheet HTML 5Page - STMicroelectronics HCF4046BEY Datasheet HTML 6Page - STMicroelectronics HCF4046BEY Datasheet HTML 7Page - STMicroelectronics HCF4046BEY Datasheet HTML 8Page - STMicroelectronics HCF4046BEY Datasheet HTML 9Page - STMicroelectronics HCF4046BEY Datasheet HTML 10Page - STMicroelectronics HCF4046BEY Datasheet HTML 11Page - STMicroelectronics HCF4046BEY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HCF4046B
8/12
(*) For sine Wave the frequency must be greater than 10KHz for Phase Comparator II
PHASE COMPARATOR SECTION
R14
Pin 14 (signal in)
Input Resistance
51
2
M
Ω
10
0.2
0.4
15
0.1
0.2
AC Coupled Signal
Input Sensivity (*)
(peak to peak)
5fIN = 100KHz sine wave
180
360
mV
10
330
660
15
900
1800
tPLH
Propagation Delay
Time High to Low
Level Pins 14 to 1
5
225
450
ns
10
100
200
15
65
130
tPLH
Propagation Delay
Time Low to High
Level
5
350
700
ns
10
150
300
15
100
200
tPHZ
Disable Time High
Level to High
Impedance
Pins 14 to 13
5
225
450
ns
10
100
200
15
65
130
tPLZ
Disable Time Low
Level to High
Impedance
5
285
570
ns
10
130
260
15
95
190
tr tf
Input Rise or Fall
Time Comparator
Pin 3
550
µs
10
1
15
0.3
Signal Pin 14
5
500
µs
10
20
15
2.5
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com