Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4046BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4046BEY
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4046BEY Datasheet HTML 1Page - STMicroelectronics HCF4046BEY Datasheet HTML 2Page - STMicroelectronics HCF4046BEY Datasheet HTML 3Page - STMicroelectronics HCF4046BEY Datasheet HTML 4Page - STMicroelectronics HCF4046BEY Datasheet HTML 5Page - STMicroelectronics HCF4046BEY Datasheet HTML 6Page - STMicroelectronics HCF4046BEY Datasheet HTML 7Page - STMicroelectronics HCF4046BEY Datasheet HTML 8Page - STMicroelectronics HCF4046BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2001
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
VERY LOW POWER CONSUMPTION : 70
µW
(TYP.) AT VCO fo = 10kHz, VDD = 5V
s
OPERATING FREQUENCY RANGE : UP TO
1.4MHz (TYP.) AT VDD = 10V
s
LOW FREQUENCY DRIFT : 0.04%/°C (typ.)
AT VDD = 10V
s
CHOICE OF TWO PHASE COMPARATORS :
1) EXCLUSIVE - OR NETWORK
2) EDGE-CONTROLLED MEMORY
NETWORK WITH PHASE-PULSE OUTPUT
FOR LOCK INDICATION
s
HIGH VCO LINEARITY: <1% (TYP.)
s
VCO INHIBIT CONTROL FOR ON-OFF
KEYING AND ULTRA-LOW STANDBY
POWER CONSUMPTION
s
SOURCE-FOLLOWER OUTPUT OF VCO
CONTROL INPUT (demod. output)
s
ZENER DIODE TO ASSIST SUPPLY
REGULATION
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4046B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
Technology, available in 16-lead dual in-line
plastic or ceramic package. The HCF4046B
CMOS Micropower Phase-Locked Loop (PLL)
consists of a low-power, linear voltage-controlled
oscillator
(VCO)
and
two
different
phase
comparators
having
a
common
signal-input
amplifier and a common comparator input. A 5.2V
zener diode is provided for supply regulation if
necessary.
HCF4046B
MICROPOWER PHASE-LOCKED LOOP
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4046BEY
SOP
HCF4046BM1
HCF4046M013TR
DIP
SOP


Similar Part No. - HCF4046BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4046BEY STMICROELECTRONICS-HCF4046BEY Datasheet
239Kb / 13P
MICRMICROPOWER PHASE-LOCKED LOOP _
Jun-1989
More results

Similar Description - HCF4046BEY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Texas Instruments
CD4046B TI-CD4046B Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
CMOS Micropower Phase Locked Loop
December 1992
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
Micropower Phase-Locked Loop
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
MICROPOWER PHASE LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com