Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4046BEY Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4046BEY
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046BEY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4046BEY Datasheet HTML 4Page - STMicroelectronics HCF4046BEY Datasheet HTML 5Page - STMicroelectronics HCF4046BEY Datasheet HTML 6Page - STMicroelectronics HCF4046BEY Datasheet HTML 7Page - STMicroelectronics HCF4046BEY Datasheet HTML 8Page - STMicroelectronics HCF4046BEY Datasheet HTML 9Page - STMicroelectronics HCF4046BEY Datasheet HTML 10Page - STMicroelectronics HCF4046BEY Datasheet HTML 11Page - STMicroelectronics HCF4046BEY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HCF4046B
9/12
DESIGN INFORMATION This information is a guide for approximating the value of external components
in a Phase-Locked-Loop system. The selected external components must be within the following ranges:
5K
Ω ≤ R
1, R2, RS ≤ 1MΩ
C1 ≥ 100pF at VDD ≥ 5V
C1 ≥ 50pF at VDD ≥ 10V
For further information, see
(1) F. Gardner, "Phase-Lock Techniques" John Wiley and Sons, New York, 1966
(2) G.S. Mosckytz "miniaturized RC filters using phase Lockedloop" BSTJ May 1965
CHARACTERISTICS
USING PHASE COMPARATOR I
USING PHASE COMPARATOR II
VCO WITHOUT
OFFSET R2=
∞
VCO WITH
OFFSET
VCO WITHOUT
OFFSET R2=
∞
VCO WITH
OFFSET
VCO Frequency
For No Signal Input
VCO in PLL System will Adjust to Centre
Frequency fo
VCO in PLL System will Adjust to Lowest
Operating Frequency fo
Frequency Lock Range,
2fL
2 fL = Full VCO Frequency Range
2fL = fmax - fmin
Frequency Lock Range,
2fC
fC = fL
Loop filter Component
Section
Phase Angle Between
SIgnal and Comparator
90° at Centre frequency (fO), approximating
0° and 180° at ends of lock range (2 fL)
Always 0° in lock
Locks on Harmonics of
Centre Frequency
Yes
No
Signal Input Nose Rejec-
tion
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com