Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAXXSCX Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDAXXSCX
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXSCX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDAXXSCX Datasheet HTML 2Page - STMicroelectronics ESDAXXSCX Datasheet HTML 3Page - STMicroelectronics ESDAXXSCX Datasheet HTML 4Page - STMicroelectronics ESDAXXSCX Datasheet HTML 5Page - STMicroelectronics ESDAXXSCX Datasheet HTML 6Page - STMicroelectronics ESDAXXSCX Datasheet HTML 7Page - STMicroelectronics ESDAXXSCX Datasheet HTML 8Page - STMicroelectronics ESDAXXSCX Datasheet HTML 9Page - STMicroelectronics ESDAXXSCX Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ESDAxxSCx
6/10
To have a good approximation of the remaining voltages at both VI/O side, we provide the typical dynam-
ical resistance value Rd. By taking into account the following hypothesis :
Rg > Rd and Rload > Rd
we have:
we have:
The results of the calculation done for Vg = 8 kV, Rg = 330 Ω (IEC61000-4-2 standard), VBR = 19 V (typ.)
and Rd = 0.80 Ω (typ.) give:
Vouput = 38.4 V
This confirms the very low remaining voltage across the device to be protected. It is also important to note
that in this approximation the parasitic inductance effect was not taken into account. This could be a few
tenths of volts during a few nanoseconds at the output side.
Figure 12: Ordering information scheme
V
output
V
BR
R
d
+
V
g
R
g
-------
×
=
ESDA
6V1
SC6
ESD Array
Breakdown Voltage (min)
Package
6V1 = 6.1 Volt
SC5 = SOT23-5L
SC6 = SOT23-6L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com