Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAXXSCX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAXXSCX
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXSCX Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAXXSCX Datasheet HTML 1Page - STMicroelectronics ESDAXXSCX Datasheet HTML 2Page - STMicroelectronics ESDAXXSCX Datasheet HTML 3Page - STMicroelectronics ESDAXXSCX Datasheet HTML 4Page - STMicroelectronics ESDAXXSCX Datasheet HTML 5Page - STMicroelectronics ESDAXXSCX Datasheet HTML 6Page - STMicroelectronics ESDAXXSCX Datasheet HTML 7Page - STMicroelectronics ESDAXXSCX Datasheet HTML 8Page - STMicroelectronics ESDAXXSCX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
ESDAxxSCx
QUAD TRANSIL™ ARRAY
FOR ESD PROTECTION
REV. 8
SOT23-5L (SC-59)
ESDAxxSC5
SOT23-6L (SC-59)
ESDAxxSC6
November 2004
MAIN APPLICATIONS
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Other telephone set
■ Set top boxes
FEATURES
■ 4 Unidirectional Transil™ Functions
■ Low leakage current: IR max. < 20 mA at VBR
■ 400 W Peak pulse power (8/20 µs)
DESCRIPTION
The ESDAxxSC5 and ESDAxxSC6 are monolithic
voltage suppressors designed to protect compo-
nents which are connected to data and transmis-
sion lines against ESD.
They clamp the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transient.
BENEFITS
■ High ESD protection level: up to 25 kV
■ High integration
■ Suitable for high density boards
COMPLIES WITH THE FOLLOWING STANDARDS:
■ IEC61000-4-2 level 4:
15kV (air discharge)
8kV
(contact discharge)
■ MIL STD 883E-Method 3015-7: class3B
(Human Body Model)
Table 1: Order Code
Part Number
Marking
ESDAxxSCx
See page 9
ASD™
Figure 1: ESDAxxSC5 Functional Diagram
1
2
3
5
4
Figure 2: ESDAxxSC6 Functional Diagram
1
2
3
6
5
4
TM: ASD is a trademark of STMicroelectronics.


Similar Part No. - ESDAXXSCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXSCXY STMICROELECTRONICS-ESDAXXSCXY Datasheet
447Kb / 15P
4 unidirectional Transil functions
05-Oct-2015
More results

Similar Description - ESDAXXSCX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com