Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAXXSCX Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAXXSCX
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXSCX Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAXXSCX Datasheet HTML 1Page - STMicroelectronics ESDAXXSCX Datasheet HTML 2Page - STMicroelectronics ESDAXXSCX Datasheet HTML 3Page - STMicroelectronics ESDAXXSCX Datasheet HTML 4Page - STMicroelectronics ESDAXXSCX Datasheet HTML 5Page - STMicroelectronics ESDAXXSCX Datasheet HTML 6Page - STMicroelectronics ESDAXXSCX Datasheet HTML 7Page - STMicroelectronics ESDAXXSCX Datasheet HTML 8Page - STMicroelectronics ESDAXXSCX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDAxxSCx
3/10
®
1. CALCULATION OF THE CLAMPING VOLTAGE USE OF THE DYNAMIC RESISTANCE
The ESDA family has been designed to clamp fast spikes like ESD. Generally the PCB designers need to
calculate easily the clamping voltage VCL. This is why we give the dynamic resistance in addition to the
classical parameters. The voltage across the protection cell can be calculated with the following formula:
VCL = VBR + Rd IPP
Where IPP is the peak current through the ESDA cell.
As the value of the dynamic resistance remains stable for a surge duration lower than 20ms, the 2.5ms
rectangular surge is well adapted. In addition both rise and fall times are optimized to avoid any parasitic
phenomenon during the measurement of Rd.
2. DYNAMIC RESISTANCE MEASUREMENT
The short duration of the ESD has led us to prefer a more adapted test wave, as below defined, to the
classical 8/20µs and 10/1000µs surges.
Figure 3: 2.5µs duration measurement wave
Figure 4: Peak power dissipation versus initial
junction temperature
Figure 5: Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C)
2µs
tp = 2.5µs
t
I
Ipp
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
P
[T initial] /
[T initial=25°C]
PP
j
j
PPP
T initial (°C)
j
110
100
100
1000
5000
ESDA14V2SC5/SC6
ESDA17SC6
ESDA19SC6
ESDA25SC6
ESDA5V3SC5/SC6
&
ESDA6V1SC5/SC6
t (µs)
p
P
(W)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com