Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320FCT85ZB6E Datasheet(PDF) 67 Page - STMicroelectronics

Part # M28W320FCT85ZB6E
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT85ZB6E Datasheet(HTML) 67 Page - STMicroelectronics

Back Button M28W320FCT85ZB6E Datasheet HTML 61Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 62Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 63Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 64Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 65Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 66Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 67Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 68Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
M28W320FCT, M28W320FCB
Command interface and Program/Erase Controller state
67/69
Erase
(continue)
Erase (continue)
Erase
Suspend
Read Ststus
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend Read
Array
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend Read
CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend Read
Elect.Sg.
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend Read
CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend Read
CFI Query
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend Read
CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
1.
Cmd = Command, Elect.Sg. = Electronic Signature, Prog. = Program, Prot = Protection.
Table 33.
Write State Machine Current/Next, sheet 2 of 2 (continued)(1)
Current State
Command Input (and Next State)
Read
Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock Setup
(60h)
Prot. Prog.
Setup (C0h)
Lock
Confirm
(01h)
Lock Down
Confirm
(2Fh)
Unlock
Confirm
(D0h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com