Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320FCT85ZB6E Datasheet(PDF) 16 Page - STMicroelectronics

Part # M28W320FCT85ZB6E
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT85ZB6E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M28W320FCT85ZB6E Datasheet HTML 12Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 13Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 14Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 15Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 16Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 17Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 18Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 19Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
Command interface
M28W320FCT, M28W320FCB
16/69
4
Command interface
All Bus Write operations to the memory are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations. An internal
Program/Erase Controller handles all timings and verifies the correct execution of the
Program and Erase commands. The Program/Erase Controller provides a Status Register
whose output may be read at any time during, to monitor the progress of the operation, or
the Program/Erase states. See Table 3: Command Codes, for a summary of the commands
and see Appendix D, and Table 32, Write State Machine Current/Next, for a summary of the
Command Interface.
The Command Interface is reset to Read mode when power is first applied, when exiting
from Reset or whenever VDD is lower than VLKO. Command sequences must be followed
exactly. Any invalid combination of commands will reset the device to Read mode. Refer to
Table 4: Commands, in conjunction with the text descriptions below.
4.1
Read Memory Array command
The Read command returns the memory to its Read mode. One Bus Write cycle is required
to issue the Read Memory Array command and return the memory to Read mode.
Subsequent read operations will read the addressed location and output the data. When a
device Reset occurs, the memory defaults to Read mode.
4.2
Read Status Register command
The Status Register indicates when a program or erase operation is complete and the
success or failure of the operation itself. Issue a Read Status Register command to read the
Status Register’s contents. Subsequent Bus Read operations read the Status Register at
any address, until another command is issued. See Table 11: Status Register Bits, for
details on the definitions of the bits.
The Read Status Register command may be issued at any time, even during a
Program/Erase operation. Any Read attempt during a Program/Erase operation will
automatically output the content of the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com