Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320FCT85ZB6E Datasheet(PDF) 45 Page - STMicroelectronics

Part # M28W320FCT85ZB6E
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT85ZB6E Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M28W320FCT85ZB6E Datasheet HTML 41Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 42Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 43Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 44Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 45Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 46Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 47Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 48Page - STMicroelectronics M28W320FCT85ZB6E Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
M28W320FCT, M28W320FCB
Part numbering
45/69
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of
available options (Speed, Package, etc.) or for further information on any aspect of this
device, please contact the ST Sales Office nearest to you.
Table 23.
Daisy Chain Ordering Scheme
Example:M28W320FC
-ZB
E
Device Type
M28W320FC
Daisy Chain
-ZB = TFBGA47: 6.39 x 6.37mm, 0.75 mm pitch
Option
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel 24mm Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com